Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE40-VMP6G Datasheet(PDF) 1 Page - STMicroelectronics

Part # M45PE40-VMP6G
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6G Datasheet(HTML) 1 Page - STMicroelectronics

  M45PE40-VMP6G Datasheet HTML 1Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 2Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 3Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 4Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 5Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 6Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 7Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 8Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
October 2005
M45PE40
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory
With Byte-Alterability and a 33 MHz SPI Bus Interface
FEATURES SUMMARY
■
4Mbit of Page-Erasable Flash Memory
■
Page Write (up to 256 Bytes) in 11ms (typical)
■
Page Program (up to 256 Bytes) in 1.2ms
(typical)
■
Page Erase (256 Bytes) in 10ms (typical)
■
Sector Erase (512 Kbit)
■
2.7 to 3.6V Single Supply Voltage
■
SPI Bus Compatible Serial Interface
■
33MHz Clock Rate (maximum)
■
Deep Power-down Mode 1
µA (typical)
■
Electronic Signature
–
JEDEC Standard Two-Byte Signature
(4013h)
■
More than 100000 Write Cycles
■
More than 20 Year Data Retention
■
Packages
–
ECOPACK® (RoHS compliant)
Figure 1. Packages
VDFPN8 (MP)
6x5mm (MLP8)
8
1
SO8W (MW)
208 mils width


Similar Part No. - M45PE40-VMP6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M45PE40-VMP6G NUMONYX-M45PE40-VMP6G Datasheet
886Kb / 46P
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE40-VMP6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
28-May-2004
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
08-Oct-2004
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
04-Oct-2005
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
09-Feb-2007
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
15-Dec-2006
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
02-Feb-2007
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
M45PE16 NUMONYX-M45PE16 Datasheet
856Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE80 NUMONYX-M45PE80 Datasheet
911Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com