Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE40-VMP6G Datasheet(PDF) 32 Page - STMicroelectronics

Part # M45PE40-VMP6G
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6G Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M45PE40-VMP6G Datasheet HTML 27Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 28Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 29Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 30Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 31Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 32Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 33Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 34Page - STMicroelectronics M45PE40-VMP6G Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
M45PE40
32/35
Figure 26. SO8 wide – 8 lead Plastic Small Outline, 208 mils body width, Package Outline
Note: Drawing is not to scale.
Table 15. SO8 wide – 8 lead Plastic Small Outline, 208 mils body width, Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.03
0.080
A1
0.10
0.25
0.004
0.010
A2
1.78
0.070
B
0.35
0.45
0.014
0.018
C
0.20
–
–
0.008
–
–
CP
0.10
0.004
D
5.15
5.35
0.203
0.211
E
5.20
5.40
0.205
0.213
e1.27–
–
0.050
–
–
H
7.70
8.10
0.303
0.319
L
0.50
0.80
0.020
0.031
α
0°
10°
0°
10°
N8
8
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com