Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8 Datasheet(PDF) 3 Page - Applied Power Microelectronics Co.,Ltd.

Part # SLVU2.8
Description  2.8V TVS Array For ESD and Latch-Up Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

SLVU2.8 Datasheet(HTML) 3 Page - Applied Power Microelectronics Co.,Ltd.

  SLVU2.8 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision
1
3 of 4
www.appliedpowermicro.com
SLVU2.8
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
Junction Capacitance vs. Reverse Voltage
Peak Pulse Power vs. Pulse Time
Clamping Voltage vs. Peak Pulse Current
Power Derating Curve
8 X 20μs Pulse Waveform
ESD Clamping Voltage
8 kV Contact per IEC61000−4−2
Note:Data is taken with a 10x attenuator
0
20
40
60
80
100
0
20
40
60
80
Time_t(μs)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com