Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU2.8 Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # SLVU2.8
Description  2.8V TVS Array For ESD and Latch-Up Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

SLVU2.8 Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  SLVU2.8 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. SLVU2.8 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision
1
1 of 4
www.appliedpowermicro.com
Description
The SLVU2.8 is designed to protect low voltage, CMOS
semiconductors from transients caused by electrostatic
discharge (ESD), cable discharge events (CDE), lightning
and other induced voltage surges. Low capacitance com-
pensation diode is integrated into the TVS to lower the
typical capacitance to 0.6pF per line. The SLVU2.8 com-
plies with the IEC 61000-4-2 (ESD) standard with ±30kV
air and ±30kV contact discharge. The combination of low
leakage, signal integrity and flow through
design makes
the SLVU2.8 an ideal application such as 10/100/1000
Ethernet.
Features
•
280W peak pulse power (8/20μs)
•
Ultra low leakage: nA level
•
Low operating voltage: 2.8V
•
Very low capacitance: 0.6pF
•
Ultra low clamping voltage
•
JEDEC SO-8 package
•
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 18A (8/20μs)
•
RoHS Compliant
SLVU2.8
2.8V TVS Array For ESD and Latch-Up Protection
Part Number
Packaging
Reel Size
LC03-3.3
500/Tape & Reel
7 inch
LC-3.3 = Device Marking Code
Dot denotes Pin1
Circuit and Pin Schematic
Dimensions and Pin Configuration
Mechanical Characteristics
•
Package: SOT-23
•
Lead Finish: Matte Tin
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Marking Information: See Below
Applications
•
Base Station
•
Analog Inputs
•
Switch Systems
•
10/100/1000 Ethernet
•
WAN/LAN Equipment
•
Desktops, Servers, and Notebooks
•
Low Voltage Interfaces
Marking Information
Ordering Information
SO-8 Outline
Part Number
Packaging
Reel Size
SLVU2.8
3000/Tape & Reel
7 inch
U2.8= Device Marking Code


Similar Part No. - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Weitron Technology
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
logo
Micro Commercial Compon...
SLVU2.8 MCC-SLVU2.8 Datasheet
276Kb / 4P
2.8Volts ESD Protection Devices
logo
Protek Devices
SLVU2.8 PROTEC-SLVU2.8 Datasheet
960Kb / 9P
600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
logo
Littelfuse
SLVU2.8 LITTELFUSE-SLVU2.8 Datasheet
1Mb / 4P
The SLVU2.8 series was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
More results

Similar Description - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Applied Power Microelec...
AU2804S8 APMICRO-AU2804S8 Datasheet
638Kb / 5P
2.8V TVS Array For ESD and Latch-Up Protection
SLVU2.8-4 APMICRO-SLVU2.8-4 Datasheet
764Kb / 5P
2.8V TVS Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
TVS Array For ESD and Latch Up Protection
logo
Guangdong Youtai Semico...
SLVU2.8-4.TBT UMW-SLVU2.8-4.TBT Datasheet
469Kb / 4P
2.8V TVS Array For ESD and Latch-Up Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com