Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3000 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF3000
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF3000 Datasheet HTML 14Page - RF Micro Devices RF3000 Datasheet HTML 15Page - RF Micro Devices RF3000 Datasheet HTML 16Page - RF Micro Devices RF3000 Datasheet HTML 17Page - RF Micro Devices RF3000 Datasheet HTML 18Page - RF Micro Devices RF3000 Datasheet HTML 19Page - RF Micro Devices RF3000 Datasheet HTML 20Page - RF Micro Devices RF3000 Datasheet HTML 21Page - RF Micro Devices RF3000 Datasheet HTML 22Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
11-338
RF3000
Rev A4 031216
Block Diagram Breakout
The following sections describe each of the blocks, as indicated in the block diagram, that comprise the RF3000.
Modulator
PSK Modes
The RF3000 uses a proprietary architecture that allows the modulation of PSK signals by simply reprogramming the part
via the control port. The transmitted data stream is first spread and the resulting data stream is modulated.
CCK Mode
IEEE802.11b Preamble/Header Creation and Assembly
The RF3000 provides circuitry to generate and assemble a preamble and header as specified in the IEEE802.11b spec-
ification. The short preamble option for 2Mbps, 5.5Mbps and 11Mbps, as specified in IEEE802.11b, is selectable in the
mode control register. The RF3000 will transmit these fields along with a protective CRC-16 for error detection. For other
protocols, the preamble/header circuitry is disabled, and packet structures should be generated externally.
Demodulator
PSK Modes
The RF3000 uses a proprietary architecture that allows the demodulation of PSK signals by simply reprogramming the
part via the control port. The received signal is first de-spread and the PSK signal is recovered.
CCK Mode
In order to perform CCK demodulation, circuitry is provided to pass the output of the A/D converters to a fast Walsh
transform (FWT). The output of the FWT is then passed to decision circuitry to determine the received signal.
IEEE802.11b Preamble/Header Detection and Extraction
Circuitry is provided to search the incoming data for start frame delimiter (SFD) and to obtain length field information as
well as modulation type. In 802.11 modes, this circuitry is always active since the preamble and header tells the PHY
which modulation type the data packet is using. The RF3000 will also check the preamble/header field for errors by
checking the CRC-16 field for errors.
Data Converters
The RF3000 contains all A/D converters and D/A converters required to implement a transceiver.
A/D Converters
I/Q A/Ds - These are 4-bit analog-to-digital converters used to sample the data according to the mode of the RF3000.
D/A Converters
Four (4) digital-to-analog converters are present for transmitter VGC, receiver VGC, I Out, and Q Out.
RSSI, CCA and AGC
Scramblers
Scramblers for whitening the spectrum are provided, as specified in IEEE802.11b.
SCRAMBLER NOTE: The data scrambler defined by IEEE802.11b has a probability of 1/128, to lock up scrambling
when random data is followed by a repetitive pattern. The patterns identified are: all 0's; all 1’s; repetitive 01's; repeated
0011's; and, repeated 000111's. Once the pattern ceases the scrambler will resume its normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com