Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3000 Datasheet(PDF) 25 Page - RF Micro Devices

Part # RF3000
Description  SPREAD-SPECTRUM BASEBAND MODEM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000 Datasheet(HTML) 25 Page - RF Micro Devices

Back Button RF3000 Datasheet HTML 20Page - RF Micro Devices RF3000 Datasheet HTML 21Page - RF Micro Devices RF3000 Datasheet HTML 22Page - RF Micro Devices RF3000 Datasheet HTML 23Page - RF Micro Devices RF3000 Datasheet HTML 24Page - RF Micro Devices RF3000 Datasheet HTML 25Page - RF Micro Devices RF3000 Datasheet HTML 26Page - RF Micro Devices RF3000 Datasheet HTML 27Page - RF Micro Devices RF3000 Datasheet HTML 28Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
11-345
RF3000
Rev A4 031216
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
CCA
TXRDY
RXRDY
RXPE
TXPE
MCLK
RXDATA
CS
CCLK
CDOUT
CDIN
LNA CNTL
TXDATA
DATACLK
5.0 VCC
RESET
GNDD
GNDD
E1
E18
E14
E19
E21
E15
E12
E6
E7
E3
E11
E4
E8
E2
5.0 VCC
E17
PCMCIA CON
P1
GND
P2
P3
P4
P5
P6
CE1
P8
OE
P10
P11
P12
P13
P14
WE:P
READY
5.0 VCC
VPP
P19
P20
P21
P22
P23
P24
P25
P26
P27
P28
P29
P30
P31
P32
WP
GND
GND
CD1
P37
P38
P39
P40
P41
CE2
I/ORD
I/OWR
P46
P47
P48
REFRESH
P49
P50
5.0 VCC
VPP2
P53
P54
P55
P56
RESET
WAIT
INPACK
REG
SPKR
VS2
STSCHG
P64
P65
P66
CD2
GND
35
36
37
38
39
40
41
42
43
44
45
46
47
48
14
13
12
11
10
9
8
7
6
5
4
3
2
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
32
31
30
29
34
33
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
LP2987
U2
BYPASS
NC
GND
INPUT
SHTDN
ERROR
SENSE
OUTPUT
4
3
2
1
8
7
6
5
C7
0.01 uF
C6
4.7 uF
R4
330 k
Ω
C5
4.7 uF
5.0 VCC
3.3 VCC
J1
MCLK
GNDD
MCLK
R5
0
Ω
GNDA
GNDD
P3 Power
GNDA
GNDD
5.0 VCC
VREF
J5
I IN
GNDA
E25
I IN
J4
Q IN
GNDA
E24
Q IN
J3
I OUT
GNDA
E23
I OUT
J2
Q OUT
GNDA
E22
Q OUT
3000400, Rev. B
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1TXPE
RXPE
MCLK
TXRDY
RXRDY
VDDD
GNDD
CCA
LNA CNTL
TXDATA
DATACLK
RXDATA
CSN AD0
CCLK
VREF
RESET
ANTSEL
TXVGC
QOUT
IOUT
GNDA
VDDA
I IN
RSSI
RSVGC
CDOUT SDA
CDIN AD1
Q IN
RF3000
U1
C3
0.47
µF
VDDD
GNDD
CCA
LNA CNTL
TXDATA
DATACLK
RXDATA
CS
CCLK
TXPE
RXPE
MCLK
TXRDY
RXRDY
C2
0.47
µF
C1
10 nF
IOUT
GNDA
3.3VCC
Q IN
I IN
RSSI
RXVGC
CDOUT
CDIN
VREF
RESET
ANTSEL
TXVGC
QOUT
R2
4.7 k
Ω
GNDD
E10
C4
0.1
µF
R3
10 k
Ω
R1
0
Ω
3.3 VCC
P2
Analog I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com