Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB333X Datasheet(PDF) 20 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB333X Datasheet HTML 16Page - Microchip Technology USB333X Datasheet HTML 17Page - Microchip Technology USB333X Datasheet HTML 18Page - Microchip Technology USB333X Datasheet HTML 19Page - Microchip Technology USB333X Datasheet HTML 20Page - Microchip Technology USB333X Datasheet HTML 21Page - Microchip Technology USB333X Datasheet HTML 22Page - Microchip Technology USB333X Datasheet HTML 23Page - Microchip Technology USB333X Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
USB333x
DS00001880A-page 20
 2009 - 2015 Microchip Technology Inc.
4.8
ID Electrical Characteristics
4.9
USB Audio Switch Characteristics
4.10
USB Charger Detection Characteristics
4.11
Regulator Output Voltages and Capacitor Requirement
TABLE 4-9:
ID ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
ID Ground Trip Point
VIdGnd
0.4
0.7
0.8
V
ID Float Trip Point
VIdFloat
1.6
2.2
2.5
V
ID pull-up resistance
RID
IdPullup
= 1
80
100
120
kΩ
ID weak pull-up resistance
RIDW
IdPullup
= 0
1
MΩ
ID pull-dn resistance
RIDPD
IdGndDrv
= 1
1000
Ω
TABLE 4-10:
USB AUDIO SWITCH CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Minimum “ON” Resistance
RON_Min
0 < Vswitch < VDD33
2.7
5
5.8
Ω
Maximum “ON” Resistance
RON_Max
0 < Vswitch < VDD33
4.5
7
13
Ω
Minimum “OFF” Resistance ROFF_Min
0 < Vswitch < VDD33
1MΩ
TABLE 4-11:
USB CHARGER DETECTION CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Data Source Voltage
VDAT_SRC
IDAT_SRC < 250uA
0.5
0.7
V
Data Detect Voltage
VDAT_REF
0.25
0.4
V
Data Source Current
IDAT_SRC
250
uA
Data Sink Current
IDAT_SINK
50
150
uA
Data Connect Current
IDP_SRC
713
uA
Weak Pull-up Resistor
Impedance
RCD
Configured by bits 4 and 5 in
USB IO & Power
Management register.
128
170
212
kΩ
TABLE 4-12:
REGULATOR OUTPUT VOLTAGES AND CAPACITOR REQUIREMENT
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Regulator Output Voltage
VDD33
5.5V > VBAT > 3.0V
2.8
3.3
3.6
V
USB UART Mode & UART
RegOutput[1:0]
= 01
5.5V > VBAT > 3.0V
2.7
3.0
3.3
V
USB UART Mode & UART
RegOutput[1:0]
= 10
5.5V > VBAT > 3.0V
2.47
2.75
3.03
V
USB UART Mode & UART
RegOutput[1:0]
= 11
5.5V > VBAT > 3.0V
2.25
2.5
2.75
V
Regulator Bypass Capacitor
COUT33
1.0
uF
Bypass Capacitor ESR
CESR33
1
Ω
Regulator Output Voltage
VDD18
3.6V > VDD33 > 2.8V
1.6
1.8
2.0
V
Regulator Bypass Capacitor
COUT18
1.0
uF
Bypass Capacitor ESR
CESR18
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com