Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB333X Datasheet(PDF) 26 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB333X Datasheet HTML 22Page - Microchip Technology USB333X Datasheet HTML 23Page - Microchip Technology USB333X Datasheet HTML 24Page - Microchip Technology USB333X Datasheet HTML 25Page - Microchip Technology USB333X Datasheet HTML 26Page - Microchip Technology USB333X Datasheet HTML 27Page - Microchip Technology USB333X Datasheet HTML 28Page - Microchip Technology USB333X Datasheet HTML 29Page - Microchip Technology USB333X Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
USB333x
DS00001880A-page 26
 2009 - 2015 Microchip Technology Inc.
Note 1:
This is equivalent to Table 40, Section 4.4 of the ULPI 1.1 specification.
2:
USB333x does not support operation as an upstream hub port. See Section 6.4.1.3, "UTMI+ Level 3".
Note 5-1
When RESETB = 0 The HS termination will tri-state the USB drivers.
Note 5-2
The transceiver operation is not ensured in a combination that is not defined.
The USB333x uses the 27% resistor ECN resistor tolerances. The resistor values are shown in Table 4-6.
5.3
Bias Generator
This block consists of an internal bandgap reference circuit used for generating the driver current and the biasing of the
analog circuits. This block requires an external 8.06K
Ω, 1% tolerance, reference resistor connected from RBIAS to
ground. This resistor should be placed as close as possible to the USB333x to minimize the trace length. The nominal
voltage at RBIAS is 0.8V +/- 10% and therefore the resistor will dissipate approximately 80
μW of power.
5.4
Integrated Low Jitter PLL
The USB333x uses an integrated low jitter phase locked loop (PLL) to provide a clean 480MHz clock required for HS
USB signal quality. This clock is used by the PHY during both transmit and receive. The USB333x PLL requires an accu-
rate frequency reference to be driven on the REFCLK pin.
5.4.1
REFCLK FREQUENCY SELECTION
The USB333x PLL is designed to operate in one of two reference clock modes. In the first mode, the 60MHz ULPI clock
is driven on the REFCLK pin. In the second mode a reference clock is driven on the REFCLK pin. The Link is driving
the ULPI clock, in the first mode, and this is referred to as ULPI Clock In Mode. In the second mode, the USB333x
generates the ULPI clock, and this is referred to as ULPI Clock Out Mode.
During start-up, the USB333x monitors the CLKOUT pin. If a connection to VDD18 (USB3330, USB3331, USB3336,
and USB3338) or VDDIO (USB3333) is detected, the USB333x is configured for a 60MHz ULPI reference clock driven
on the REFCLK pin. Section 5.4.1.2 and Section 5.4.1.1 describe how to configure the USB333x for either ULPI Clock
In Mode or ULPI Clock Out Mode.
For the USB3331, USB3336, and USB3338, the reference clock frequency required is shown on the Product Identifica-
tion System page.
For the USB3330 and USB3333, the reference clock frequency required is determined by the settings of the REF
pins(s). The pins should either be connected to VDD33 or GND. The reference frequency selection options are shown
in Table 5-2 and Table 5-3.
OTG device, Peripheral FS
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Suspend
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Resume
01b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral Test J/Test K
00b
0b
10b
0b
1b
0b
0b
0b
1b
1b
Charger Detection
Connect Detect
01b
0b
00b
0b
1b
0b
0b
0b
1b
0b
Any combination not defined above, Note 5-
2
0b
0b
1b
1b
0b
TABLE 5-1:
DP/DM TERMINATION VS. SIGNALING MODE (CONTINUED)
Signaling Mode
ULPI Register Settings
USB333x Termination
Resistor Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com