Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3450 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 5 Page - SMSC Corporation

  USB3450 Datasheet HTML 1Page - SMSC Corporation USB3450 Datasheet HTML 2Page - SMSC Corporation USB3450 Datasheet HTML 3Page - SMSC Corporation USB3450 Datasheet HTML 4Page - SMSC Corporation USB3450 Datasheet HTML 5Page - SMSC Corporation USB3450 Datasheet HTML 6Page - SMSC Corporation USB3450 Datasheet HTML 7Page - SMSC Corporation USB3450 Datasheet HTML 8Page - SMSC Corporation USB3450 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
5
Revision 0.1 (05-11-05)
DATASHEET
List of Figures
Figure 1.1 Basic UTMI+ USB Device Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 1.2 UTMI+ Level 3 Support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.1 USB3450 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.1 USB3450 Pinout - Top View . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.1 FS CLK Relationship to Transmit Data and Control Signals . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 6.2 FS CLK Relationship to Receive Data and Control Signals. . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 6.3 Transmit Timing for a Data Packet. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 6.4 Receive Timing for Data with Unstuffed Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 6.5 Receive Timing for a Handshake Packet (no CRC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 6.6 Receive Timing for Setup Packet. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 6.7 Receive Timing for Data Packet (with CRC-16). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 7.1 Reset Timing Behavior (HS Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 7.2 Suspend Timing Behavior (HS Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 7.3 HS Detection Handshake Timing Behavior (FS Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 7.4 Chirp K-J-K-J-K-J Sequence Detection State Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 7.5 HS Detection Handshake Timing Behavior (HS Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 7.6 HS Detection Handshake Timing Behavior from Suspend . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 7.7 Resume Timing Behavior (HS Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 7.8 Device Attach Behavior . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 7.9 USB3450 Application Diagram (Top View) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 8.1 USB3450-FZG 40 Pin QFN Package Outline, 6 x 6 x 0.9 mm Body (Lead Free) . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com