Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3450 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 1 Page - SMSC Corporation

  USB3450 Datasheet HTML 1Page - SMSC Corporation USB3450 Datasheet HTML 2Page - SMSC Corporation USB3450 Datasheet HTML 3Page - SMSC Corporation USB3450 Datasheet HTML 4Page - SMSC Corporation USB3450 Datasheet HTML 5Page - SMSC Corporation USB3450 Datasheet HTML 6Page - SMSC Corporation USB3450 Datasheet HTML 7Page - SMSC Corporation USB3450 Datasheet HTML 8Page - SMSC Corporation USB3450 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
SMSC USB3450
DATASHEET
Revision 0.1 (05-11-05)
Datasheet
PRODUCT FEATURES
USB3450
Hi-Speed USB Host or
Device PHY With UTMI+
Interface
■ USB-IF “Hi-Speed” certified to the Universal Serial
Bus Specification Rev 2.0
■ Interface compliant with the UTMI+ Specification,
Revision 1.0.
■ Functional as a host or device PHY.
■ Supports HS, FS, and LS data rates.
■ Supports FS pre-amble for FS hubs with a LS device
attached (UTMI+ Level 3)
■ Supports HS SOF and LS keep alive pulse.
■ Low Latency Hi-Speed Receiver (43 Hi-Speed clocks
Max)
■ Internal 1.8 volt regulators allow operation from a
single 3.3 volt supply
■ Internal short circuit protection of DP and DM lines to
VBUS or ground.
■ Integrated 24MHz Crystal Oscillator supports either
crystal operation or 24MHz external clock input.
■ Internal PLL for 480MHz Hi-Speed USB operation.
■ Supports Hi-Speed USB and legacy USB 1.1 devices
■ 55mA Unconfigured Current (typical) - ideal for bus
powered applications.
■ 83uA suspend current (typical) - ideal for battery
powered applications.
■ Full Commercial operating temperature range from
0
°C to +70°C
■ 40 pin QFN package; green, lead-free (6 x 6 x 0.9mm
height)


Similar Part No. - USB3450

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
USB3450-FZG MICROCHIP-USB3450-FZG Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
More results

Similar Description - USB3450

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3290 SMSC-USB3290 Datasheet
824Kb / 43P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
USB3290 SMSC-USB3290_07 Datasheet
872Kb / 46P
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com