Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTC3198 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3198
Description  General Purpose Switching Application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3198 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3198 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3198 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTC3198
2014. 02. 10
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
2. COLLECTOR
3. BASE
TRANSISTOR (NPN)
FEATURES
General Purpose Switching Application
Complementary to FTA1266.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbo
Parameter
Value
Unit
VCBO
V
0
6
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
5
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
5
1
.
0
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
5
2
6
.
0
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA ,IE
0
6
0
=
V
Collector-emitter breakdown voltage
V(BR) CEO
IC=5mA,IB
0
5
0
=
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC
5
0
=
V
Collector cut-off current
ICBO
VCB=60V,IE 0
=
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC 0
=
0.1
μA
hFE(1)
VCE=6V, IC
0
7
A
m
2
=
700
DC current gain
hFE(2)
VCE=6V, IC
5
2
A
m
0
5
1
=
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA,IB
A
m
0
1
=
1
V
Transition frequency
fT
VCE=10V,IC=1mA
0
8
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.5
pF
CLASSIFICATION OF hFE(1)
L
B
R
G
Y
O
K
N
A
R
RANGE
70-140
120-240
200-400
300-700


Similar Part No. - FTC3198

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3199 FS-FTC3199 Datasheet
256Kb / 2P
High DC Current Gain. Complementary to FTA1267
More results

Similar Description - FTC3198

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847 AUK-BC847 Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC858U AUK-BC858U Datasheet
92Kb / 3P
PNP Silicon Transistor (General purpose application Switching application)
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
General purpose application Switching application
logo
Nanjing International G...
2N5551 DGNJDZ-2N5551 Datasheet
2Mb / 2P
General Purpose Switching Application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
SHIKUES Electronics
KTC3880 SKTECHNOLGY-KTC3880 Datasheet
678Kb / 3P
General, Purpose Apllication, Switching Application
KTC4075 SKTECHNOLGY-KTC4075 Datasheet
831Kb / 3P
General, Purpose Apllication, Switching Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com