Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46WS Datasheet(PDF) 3 Page - TECH PUBLIC Electronics co LTD

Part # BAT46WS
Description  Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

BAT46WS Datasheet(HTML) 3 Page - TECH PUBLIC Electronics co LTD

  BAT46WS Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PROTECTION PRODUCTS
Typical charateristics
WWW.TECHPUBLIC.COM.TW
FR4 PCB, standard footprint
Fig 1.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for cathode 1 cm2
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
(1) Tamb = 150
。C
(2) Tamb = 125 C
(3) Tamb = 85 C
(4) Tamb = 25 C
(5) Tamb = -40 C
(1) Tamb = 125 C
(2) Tamb = 85 C
(3) Tamb = 60 C
(4) Tamb = 25 C
(5) Tamb = - 40 C
Fig 3.
Forward current as a function of forward
voltage; typical values
Fig 4.
Reverse current as a function of reverse
voltage; typical values
VF (V)
2
.
1
0
.
0
0.8
0.4
10−3
10−2
10−1
1
IF
(A)
10−4
(1)
(2)
(3)
(4)
(5)
(3)
(4)
(5)
IR
(A)
10−6
10−8
10−7
10−3
10−4
10−5
10−2
10−9
VR (V)
0
0
1
0
60
80
20
40
(5)
(1)
(2)
(4)
(3)
。
。
。
。
。
。
。
。
。
BAT46W
Schottky Diodes
S
www.sot23.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com