Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT46WS Datasheet(PDF) 4 Page - TECH PUBLIC Electronics co LTD

Part # BAT46WS
Description  Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

BAT46WS Datasheet(HTML) 4 Page - TECH PUBLIC Electronics co LTD

  BAT46WS Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
■
Typical Characterisitics
VR (V)
0
0
1
0
80
40
60
20
35
Cd
(pF)
25
15
5
0
10
20
30
.
f = 1 MHz; Tamb = 25 C
Fig 5.
Diode capacitance as a function
of reverse voltage; typical values
Tj = 125 。C
(1) δ = 1
(2) δ = 0.9
(3) δ = 0.8
(4) δ = 0.5
FR4 PCB, standard footprint
Tj = 150 C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig 6.
Average reverse power dissipation as a
function of reverse voltage; typical values
Fig 7.
Average forward current as a function of
ambient temperature; typical values
VR (V)
0
0
1
0
80
40
60
20
0.10
0.15
0.05
0.20
0.25
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
。
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Tj = 150 C
(1) δ = 1; DC
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig 8.
Average forward current as a function of
ambient temperature; typical values
Fig 9.
Average forward current as a function of
solder point temperature; typical values
Tamb (°C)
0
50
100
150
175
125
75
25
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tsp (°C)
0
50
100
150
175
125
75
25
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
。
。
WWW.TECHPUBLIC.COM.TW
BAT46W
Schottky Diodes
S
www.sot23.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com