Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61508FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M61508FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
CONNECTION of DATA AND CLOCK
DATA
CLOCK
Data signals are read at rising edges of Clock.
Latch signals are read at rising edges of Clock.
Latch signal "H"
D1
D2
D0
D3
D32
D33
D34
7
DIGITAL BLOCK DIRECT CURRENT CHARACTERISTIC
V
V IL
Unit
Symbol
Parameter
Test Conditions
Limits
Min
typ
Max
V IH
I IL
I IH
"L" Level Input Voltage
"H" Level Input Voltage
"L"Level Input Electric Current
"H" Level Input Electric Current
DATA,CLOCK Pin
DATA,
CLOCK Pin
V=0V
I
V=5V
I
0
4.0
1.0
-10
10
10
u A
5.0
VDD=5V setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com