Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61508FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M61508FP
Description  THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61508FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M61508FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61508FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
D-61508-98-C
ELECTRIC
MITSUBISHI
( /22)
THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
MITSUBISHI SOUND PROCESSOR ICs
M61508FP
Outline
36P2R
SYSTEM BLOCK DIAGRAM
APPLICATION
FEATURES
RECOMMENDED OPERATING CONDITIONS
Supply voltage range...VCC=7V to 9V
Rated supply voltage... VCC=8V
VDD=4.5V to 5.5V
VDD=5V
1
IND2
IND1
Bass/Mid/
Treble
Fader
u-com
Interface
Zero-Cross Detector Circuit
DEFP
IN1
DEFN
IN1
INC1
INB1
INA1
DEFP
IN2
DEFN
IN2
INC2
INB2
INA2
Front
Rear
Non
Fader
Front
Rear
Non
Fader
DATA
CLOCK
Fader
Non Fader
Volume1
Volume1
Loudness
Volume2
Volume2
Master Volume is composed of Volume1 and
Volume2
+
-
Input Gain Control
DEFN
OUT1
DEFN
OUT2
Input Gain Control
Bass/Mid/
Treble
Loudness
Non Fader
Differential
Amp.
Differential
Amp.
+
-
Zero-Cross Detector Circuit
Master Volume is composed of Volume1 and
Volume2
This IC can be used Analog Signal processing of Power Amp.front stage
This IC can be used Car Audio System,Home Audio System and TV.
This IC is unnecessary for outside putting CR by using SCF for Loudness and Tone Control.
Bass : +16dB to -12dB/2dBstep. f0,Q=variable. f0=50Hz,80Hz,120Hz Q=1,1.25,1.5,2
Mid : +12dB to -12dB/2dBstep. f0,Q=variable. f0=700Hz,1KHz,2KHz,10KHz Q=1.5,2
Treble : +12dB to -12dB/2dBstep. f0=variable. f0=8KHz,12KHz
Loudness : f0=variable. f0=60Hz,80Hz,100Hz
Build-in Non Fader Volume
+12dB to -12dB /2dB step, -
dB
Build-in Zero-Crossing Detector Circuit for Changing Noise Measure.
Build-in Differential Input and Differential Output
Build-in Input Selector (4 input + Differential Input)
Build-in Input Gain Control
0dB to +18.75dB/1.25dB step
Build-in Master Volume and Fader Volume (Front,Rear)
Volume : 0dB to -83dB , -
dB/1dB step
Fader : 0dB ,-1dB,-2dB,-3dB,-4dB,-6dB,-8dB,-12dB,-16dB,-20dB,-30dB,-45dB,-60dB,-
dB/16 step
Serial Data Control of 2 lines formula.


Similar Part No. - M61508FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
The Electric Volume of Built-in Non Fader Volume with Tone
More results

Similar Description - M61508FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
6CH ELECTRIC VOLUME WITH TONE CONTROL
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
TONE CONTROL/VOLUME CONTROL
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
M61500FP RENESAS-M61500FP Datasheet
141Kb / 13P
Tone Control/Volume Control
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
The Electric Volume of Built-in Non Fader Volume with Tone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com