Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBTA92F
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA92F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBTA92F Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA92F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MMBTA92F
2012. 01. 13
1/2
Revision No : 0
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER
MMBTA92F
TRANSISTOR (PNP)
FEATURES
Low Collector-Emitter Saturation Voltage
High Breakdown Voltage
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Unit
VCBO
Collector-Base Voltage
-300
V
VCEO
Collector-Emitter Voltage
-300
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-200
mA
ICM
Collector Current -Pulsed
-500
mA
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance from Junction to Ambient
250
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
MARKING : A92
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100µA,IE=0
-300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-5
V
ICBO
VCB=-200V,IE=0
-0.25
µA
VCE=-200V,IB=0
-0.25
µA
Collector cut-off current
ICEO
VCE=-300V,IB=0
-5
µA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
µA
hFE(1)
VCE=-10V, IC=-1mA
60
hFE(2)
VCE=-10V, IC=-10mA
100
300
DC current gain
hFE(3)
VCE=-10V, IC=-80mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=-20mA,IB=-2mA
-0.2
V
Base-emitter saturation voltage
VBE(sat)
IC=-20mA,IB=-2mA
-0.9
V
Transition frequency
fT
VCE=-20V,IC=-10mA,f=30MHz
50
MHz


Similar Part No. - MMBTA92F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
PNP high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA92 STMICROELECTRONICS-MMBTA92 Datasheet
56Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA92 TRSYS-MMBTA92 Datasheet
162Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
655Kb / 14P
PNP High Voltage Amplifier
More results

Similar Description - MMBTA92F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com