Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MMBTA92F
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA92F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MMBTA92F Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA92F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBTA92F
2012. 01. 13
2/2
Revision No : 0
● Electrical characteristic curves
0
-30
-10
-3
-1
COLLECTOR CURRENT I
(mA)
C
f - I
C
- V
R
REVERSE VOLTAGE V
(V)
-0.1
1
0
-30
-10
-3
-1
COLLECTOR CURRENT I
(mA)
C
V
V
- Ic
h
- I
C
COLLECTOR CURRENT I
(mA)
-1
300
10
I - V
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
-3
-5
ob
R
-10
3
5
10
30
50
100
Cib
ob
C
T
C
-100
-5
-50
30
50
100
T = 25℃
V
= 20VDC
j
CE
BE(sat) ,
-100
-5
-50
-0.2
-0.4
-0.6
-0.8
-1.0
V
I
/I
=10
V
BE(sat)
C
B
CE(sat)
CE(sat)
FE
C
-100
-5
100
30
50
T =125℃
j
j
T =25℃
j
T =-55℃
CE
V
=10VDC
C
CE
-10
-30
-50
-100
-300
-500
1.5
Watt
THE
RM
AL
LIM
ITA
TIO
N
Tc=
25
℃
625
mW
THERM
AL
L M
IT
AT
ION
Ta=25
℃
BONDING WIRE LIMITATION
SECOND BREAK DOWN
LIMITATION T =150℃
j
100us
DC
-10
-3
-30 -50
-1
-100
-1K
-10
-100
-300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com