Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA94 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBTA94
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA94 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBTA94 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA94 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA94 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MMBTA94
2013. 02. 07
1/3
Revision No : 0
SOT– 23
1
3
2
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The MMBTA94 is designed for application that requires high voltage.
Features
• High Breakdown Voltage: VCEO=400(Min.) at IC=1mA
• Complementary to MMBTA44
We declare that the material of product compliance with RoHS requirements.
Absolute Maximum Ratings
DEVICE MARKING
MMBTA94 = 4Z
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
1
BASE
2
EMITTER
COLLECTOR
3
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 350 mW
• Maximum Voltages and Currents (Ta=25
°C)
VCBO Collector to Base Voltage ...................................................................................... -400 V
VCEO Collector to Emitter Voltage ................................................................................... -400 V
VEBO Emitter to Base Voltage ............................................................................................. -6 V
IC Collector Current ...................................................................................................... -150 mA
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-400
-
-
V
IC=-100uA, IE=0
BVCEO
-400
-
-
V
IC=-1mA, IB=0
BVEBO
-6
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-400V, IE=0
IEBO
-
-
-100
nA
VEB=-6V, IC=0
ICES
-
-
-500
nA
VCE=-400V, VBE=0
*VCE(sat)1
-
-
-200
mV
IC=-1mA, IB=-0.1mA
*VCE(sat)2
-
-
-300
mV
IC=-10mA, IB=-1mA
*VCE(sat)3
-
-
-600
mV
IC=-50mA, IB=-5mA
*VBE(sat)
-
-
-900
mV
IC=-10mA, IB=-1mA
*hFE1
50
-
-
VCE=-10V, IC=-1mA
*hFE2
75
-
200
VCE=-10V, IC=-10mA
*hFE3
60
-
-
VCE=-10V, IC=-50mA
*hFE4
20
-
-
VCE=-10V, IC=-100mA
Cob
-
4
6
pF
VCE=-10V, f=1MHz
*Pulse Test: Pulse Width ≤380us, Duty Cycle≤2%


Similar Part No. - MMBTA94

ManufacturerPart #DatasheetDescription
logo
Avic Technology
MMBTA94 AVICTEK-MMBTA94 Datasheet
51Kb / 1P
SOT-23-3L Plastic-Encapsulate Transistors
logo
Weitron Technology
MMBTA94 WEITRON-MMBTA94 Datasheet
206Kb / 3P
High-Voltage PNP Transistor Surface Mount
logo
Unisonic Technologies
MMBTA94 UTC-MMBTA94 Datasheet
48Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
Diotec Semiconductor
MMBTA94 DIOTEC-MMBTA94 Datasheet
105Kb / 2P
Surface mount High Voltage Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA94 SEMTECH_ELEC-MMBTA94 Datasheet
130Kb / 1P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - MMBTA94

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com