Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESH Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 4Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 5Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 6Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 7Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 8Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 9Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 10Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 11Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
Datasheet
8
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
I/O
Function
Power Supply Pins
20
VS
Analog supply VS
Positive supply voltage for power switches gate control (incl.
protections)
24
VDD
Digital supply VDD
Supply voltage for SPI with support function to VS
5GND
Ground
Ground connection (also for the low-side switches)
SPI Pins
1CSN
I
Chip Select
“low” active, integrated pull-up to VDD
2SCLK
I
Serial Clock
“high” active, integrated pull-down to ground
3SI
I
Serial Input
“high” active, integrated pull-down to ground
4SO
O
Serial Output
“Z” (tri-state) when CSN is “high”
Input and Stand-by Pins
21
IDLE
I
Idle mode
power mode control, “high” activates Idle mode, integrated pull-down
to ground
23
IN0
I
Input pin 0
connected to channel 2 by default and in Limp Home mode, “high”
active, integrated pull-down to ground
22
IN1
I
Input pin 1
connected to channel 3 by default and in Limp Home mode, “high”
active, integrated pull-down to ground
Power Ouput Pins
6
OUT0_LS
O
Drain of low-side power transistor (channel 0)
7
OUT2_D
O
Drain of auto configurable power transistor (channel 2)
8
OUT2_S
O
Source of auto configurable power transistor (channel 2)
9
OUT4_D
O
Drain of auto configurable power transistor (channel 4)
10
OUT4_S
O
Source of auto configurable power transistor (channel 4)
11
OUT6_S
O
Source of auto configurable power transistor (channel 6)
12
OUT6_D
O
Drain of auto configurable power transistor (channel 6)
13
OUT7_D
O
Drain of auto configurable power transistor (channel 7)
14
OUT7_S
O
Source of auto configurable power transistor (channel 7)
15
OUT5_S
O
Source of auto configurable power transistor (channel 5)
16
OUT5_D
O
Drain of auto configurable power transistor (channel 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com