Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE75602-ESH Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE75602-ESH Datasheet HTML 1Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 2Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 3Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 4Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 5Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 6Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 7Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 8Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
Datasheet
2
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Overview
Basic Features
• 16-bit serial peripheral interface for control and diagnosis
• Daisy Chain capability SPI also compatible with 8-bit SPI devices
• 2 CMOS compatible parallel input pins with Input Mapping functionality
• Cranking capability down to VS = 3.0 V (supports LV124)
• Digital supply voltage range compatible with 3.3V and 5V microcontrollers
• Bulb Inrush Mode (BIM) to drive 2 W lamps and electronic loads
• Two internal PWM Generators for µC offload
• Very low quiescent current (with usage of IDLE pin)
• Limp Home mode (with usage of IDLE and IN pins)
• Green Product (RoHS compliant)
• AEC Qualified
Protection Features
• Reverse battery protection on VS without external components
• Short circuit to ground and battery protection
• Stable behavior at under voltage conditions (“Lower Supply Voltage Range for Extended Operation”)
• Over Current latch OFF
• Thermal shutdown latch OFF
• Overvoltage protection
• Loss of ground protection
• Loss of battery protection
• Electrostatic discharge (ESD) protection
Diagnostic Features
• Latched diagnostic information via SPI register
• Over Load detection at ON state
• Open Load detection at OFF state using Output Status Monitor function
• Output Status Monitor
• Input Status Monitor
• Open Load detection at ON state
Application Specific Features
• Fail-safe activation via Input pins in Limp-Home Mode
• SPI with Daisy Chain capability
• Safe operation at low battery voltage (cranking)
• 2 W lamps, 5 W lamps with two channels in parallel mode and enhanced capacitive loads driving capability
(Bulb Inrush Mode)
• Two independent internal PWM generators to drive e.g. LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com