Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M263 Datasheet(PDF) 51 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 51 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 47Page - Nuvoton Technology Corporation M263 Datasheet HTML 48Page - Nuvoton Technology Corporation M263 Datasheet HTML 49Page - Nuvoton Technology Corporation M263 Datasheet HTML 50Page - Nuvoton Technology Corporation M263 Datasheet HTML 51Page - Nuvoton Technology Corporation M263 Datasheet HTML 52Page - Nuvoton Technology Corporation M263 Datasheet HTML 53Page - Nuvoton Technology Corporation M263 Datasheet HTML 54Page - Nuvoton Technology Corporation M263 Datasheet HTML 55Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 51 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
Note: It is recommended to use 100 k
Ω pull-up resistor on
ICE_CLK pin.
67 PD.9
I/O
MFP0
General purpose digital I/O pin.
EBI_AD7
I/O
MFP2
EBI address/data bus bit 7.
I2C2_SCL
I/O
MFP3
I
2C2 clock pin.
UART2_nCTS
I
MFP4
UART2 clear to Send input pin.
68 PD.8
I/O
MFP0
General purpose digital I/O pin.
EBI_AD6
I/O
MFP2
EBI address/data bus bit 6.
I2C2_SDA
I/O
MFP3
I
2C2 data input/output pin.
UART2_nRTS
O
MFP4
UART2 request to Send output pin.
35
69 PC.5
I/O
MFP0
General purpose digital I/O pin.
EBI_AD5
I/O
MFP2
EBI address/data bus bit 5.
QSPI0_MISO1
I/O
MFP4
QSPI0 MISO1 (Master In, Slave Out) pin.
UART2_TXD
O
MFP8
UART2 data transmitter output pin.
I2C1_SCL
I/O
MFP9
I
2C1 clock pin.
UART4_TXD
O
MFP11
UART4 data transmitter output pin.
EPWM1_CH0
I/O
MFP12
EPWM1 channel 0 output/capture input.
36
70 PC.4
I/O
MFP0
General purpose digital I/O pin.
EBI_AD4
I/O
MFP2
EBI address/data bus bit 4.
QSPI0_MOSI1
I/O
MFP4
QSPI0 MOSI1 (Master Out, Slave In) pin.
SC1_nCD
I
MFP5
Smart Card 1 card detect pin.
I2S0_BCLK
O
MFP6
I
2S0 bit clock output pin.
SPI1_I2SMCLK
I/O
MFP7
SPI1 I
2S master clock output pin
UART2_RXD
I
MFP8
UART2 data receiver input pin.
I2C1_SDA
I/O
MFP9
I
2C1 data input/output pin.
UART4_RXD
I
MFP11
UART4 data receiver input pin.
EPWM1_CH1
I/O
MFP12
EPWM1 channel 1 output/capture input.
37
71 PC.3
I/O
MFP0
General purpose digital I/O pin.
EBI_AD3
I/O
MFP2
EBI address/data bus bit 3.
QSPI0_SS
I/O
MFP4
QSPI0 slave select pin.
SC1_PWR
O
MFP5
Smart Card 1 power pin.
I2S0_MCLK
O
MFP6
I
2S0 master clock output pin.
SPI1_MISO
I/O
MFP7
SPI1 MISO (Master In, Slave Out) pin.
UART2_nRTS
O
MFP8
UART2 request to Send output pin.
I2C0_SMBAL
O
MFP9
I
2C0 SMBus SMBALTER pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com