Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M263 Datasheet(PDF) 12 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 12 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 8Page - Nuvoton Technology Corporation M263 Datasheet HTML 9Page - Nuvoton Technology Corporation M263 Datasheet HTML 10Page - Nuvoton Technology Corporation M263 Datasheet HTML 11Page - Nuvoton Technology Corporation M263 Datasheet HTML 12Page - Nuvoton Technology Corporation M263 Datasheet HTML 13Page - Nuvoton Technology Corporation M263 Datasheet HTML 14Page - Nuvoton Technology Corporation M263 Datasheet HTML 15Page - Nuvoton Technology Corporation M263 Datasheet HTML 16Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 12 of 398
Rev 1.02
to accelerate the data transfer between system memory and SD/SDHC/SDIO card.
USB 2.0 Full Speed On-The-Go (OTG) with Crystal-less function
The part numbers of NuMicro
® M262/M263 series are all based on NuMicro® M261 series. It
integrates USB 2.0 Full Speed On-The-Go (OTG) transceiver, which is compliant with USB OTG
Supplement 2.0, and configurable as host-only, device only or ID-dependent. It also integrates
USB 1.1 Host Controller and USB 2.0 Full Speed Device Controller. The NuMicro
® M262/M263
series supports crystall-less function that can generate precise frequency required by USB
protocol without the need of external crystal, to reduce both the BOM cost and PCB size.
Controller Area Network (CAN)
The part numbers of NuMicro
® M263 series are all based on NuMicro® M261 series. It supports
one set of CAN 2.0B controllers, and the bit rate can be programmed to values up to 1MBit/s. This
CAN bus can be set to be one of six paired I/Os by PinConfigure.
The NuMicro
® M261/M262/M263 series provides 9 product part numbers. The package types of
NuMicro
® M261/M262/M263 series include QFN33 (5mm x 5mm), LQFP64 (7mm x 7mm) and
LQFP128 (14mm x 14mm). Pin-to-pin compatible in same package makes optimizing product
features and performance easily.
Nuvoton NuMaker M261/M262/M263 evaluation boards (NK-M263KI) and Nu-Link debugger are
available for evaluation and product development. 3rd Party IDEs such as Keil MDK, IAR
EWARM and Eclippse IDE with GNU GCC compilers, are also supported.
1.1
M261/M262/M263 Series Key Features
Product
Line
Connectivity
M261/
M262/
M263
6
3
1
4
3
1
2
1
2
1
1
4
24
16
√
2
16
2
√
6
√
Table 1.1-1 M261/M262/M263 Series Key Features Support Table
The NuMicro
® M261/M262/M263 series is suitable for a wide range of applications such as:
Smart Home/Smart Home Appliance
Industrial Control / Industrial Automation
Smart City Facilities
IoT Device
Wireless Sensor Node Device
Security Alarm System
Electronic Payments
Communication Modules
Portable Wireless Data Collector
Smart Door lock
Handheld Medical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com