Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT6427 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # MMBT6427
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBT6427 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  MMBT6427 Datasheet HTML 1Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 2Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 3Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 4Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 5Page - First Silicon Co., Ltd MMBT6427 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BANDWIDTH = 1 0 Hz
R S 0
NOISE CHARACTERISTICS
(V CE = 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
Figure 3. Noise Current
R S , SOURCE RESISTANCE (kΩ)
Figure 4. Total Wideband Noise Voltage
R S , SOURCE RESISTANCE (kΩ)
Figure 5. Wideband Noise Figure
I C = 1.0 mA
100 µA
10 µA
BANDWIDTH = 1.0 Hz
I C = 1.0 mA
100 µA
10 µA
BANDWIDTH = 10 Hz TO 15.7 kHz
I C = 10 µA
100 µA
1.0 mA
BANDWIDTH = 10 Hz TO 15.7 kHz
10 µA
100 µA
I C = 1 0 mA
10
20
50
100 200
500 1 k 2 k
5 k 10 k 20 k
50 k 100 k
500
200
100
50
20
10
5.0
2 0
1 0
0.7
0 5
0 3
0 2
0.1
0 07
0 05
0 03
0 02
1 0
2 0
5.0
10
20
50
100
200
500 1000
200
100
70
50
30
20
10
1.0
2.0
5.0
10
20
50
100
200
500
1000
14
12
10
8 0
6 0
4 0
2 0
0
10
20
50
100 200
500 1 k 2 k
5 k 10 k 20 k
50 k 100 k
~
~
MMBT6427
2018. 09. 18
3/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com