Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 318 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 318 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 314Page - Exar Corporation XRT7250 Datasheet HTML 315Page - Exar Corporation XRT7250 Datasheet HTML 316Page - Exar Corporation XRT7250 Datasheet HTML 317Page - Exar Corporation XRT7250 Datasheet HTML 318Page - Exar Corporation XRT7250 Datasheet HTML 319Page - Exar Corporation XRT7250 Datasheet HTML 320Page - Exar Corporation XRT7250 Datasheet HTML 321Page - Exar Corporation XRT7250 Datasheet HTML 322Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
299
5.3.2.10 Error Checking of the Incoming E3
Frames
The Receive E3 Framer block can be configured to
performs error-checking on the incoming E3 frame
data that it receives from the Remote Terminal Equip-
ment. If configured accordingly, the Receive E3
Framer block will performs this error-checking by
computing the BIP-4 value of an incoming E3 frame.
Once the Receive E3 Framer block has obtained this
value, it will compare this value with that of the BIP-4
value that it receives, within the very next E3 frame. If
the locally computed BIP-4 value matches the EM
byte of the corresponding E3 frame, then the Receive
E3 Framer block will conclude that this particular
frame has been properly received. The Receive E3
Framer block will then inform the Remote Terminal
Equipment of this fact by having the Local Terminal
Equipment Transmit E3 Framer block send the Re-
mote Terminal an E3 frame, with the “A” bit-field, set
to “0”.
This procedure is illustrated in Figure 138 and
Figure 139, below.
Figure 138 illustrates the Local Receive E3 Framer
receiving an error-free E3 frame. In this figure, the lo-
cally computed BIP-4 value of “0xA” matches that re-
ceived from the Remote Terminal, within the EM byte-
field. Figure 139 illustrates the subsequent action of
the Local Transmit E3 Framer block, which will trans-
mit an E3 frame, with the A bit-field set to “0”, to the
Remote Terminal. This signaling indicates that the
Local Receive E3 Framer has received an error-free
E3 frame.
RXE3 CONFIGURATION & STATUS REGISTER - 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxLOF
Algo
RxLOF
RxOOF
RxLOS
RxAIS
Not Used
RxFERF
R/W
RORO
RO
RORORORO
0
1100
111
FIGURE 138. ILLUSTRATION OF THE LOCAL RECEIVE E3 FRAMER BLOCK, RECEIVING AN E3 FRAME (FROM THE
REMOTE TERMINAL) WITH A CORRECT BIP-4 VALUE.
Transmit E3
Framer
Receive E3
Framer
Local Terminal
Remote
Terminal
BIP-4 Nibble
Locally Calculated
BIP-4 Nibble
0xA
0xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com