Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 319 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 319 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 315Page - Exar Corporation XRT7250 Datasheet HTML 316Page - Exar Corporation XRT7250 Datasheet HTML 317Page - Exar Corporation XRT7250 Datasheet HTML 318Page - Exar Corporation XRT7250 Datasheet HTML 319Page - Exar Corporation XRT7250 Datasheet HTML 320Page - Exar Corporation XRT7250 Datasheet HTML 321Page - Exar Corporation XRT7250 Datasheet HTML 322Page - Exar Corporation XRT7250 Datasheet HTML 323Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
300
However, if the locally computed BIP-4 value does not
match the BIP-4 value of the corresponding E3 frame,
then the Receive E3 Framer block will do the follow-
ing.
• It will inform the Remote Terminal of this fact by
having the Local Transmit E3 Framer block send the
Remote Terminal an E3 frame, with the “A” bit-field
set to “1”. This phenomenon is illustrated below in
Figure 140 and Figure 141.
Figure 140 illustrates the Local Receive E3 Framer
receiving an errored E3 frame. In this figure, the Lo-
cal Receive E3 Frame block is receiving an E3 frame
with an BIP-4 containing the value “0xA”. This value
does not match the locally computed BIP-4 value of
“0xB”. Consequently, there is an error in the previous
E3 frame.
Figure 141 illustrates the subsequent action of the
Local Transmit E3 Framer block, which will transmit
an E3 frame, with the A bit-field set to “1” to the Re-
mote Terminal. This signaling indicates that the Local
Receive E3 Framer block has received an errored E3
frame.
FIGURE 139. ILLUSTRATION OF THE LOCAL RECEIVE E3 FRAMER BLOCK, TRANSMITTING AN E3 FRAME (TO THE
REMOTE TERMINAL) WITH THE “A” BIT SET TO “0”
Transmit E3
Framer
Receive E3
Framer
Local Terminal
Remote
Terminal
A Bit
Value = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com