Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7250 Datasheet(PDF) 322 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 322 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 318Page - Exar Corporation XRT7250 Datasheet HTML 319Page - Exar Corporation XRT7250 Datasheet HTML 320Page - Exar Corporation XRT7250 Datasheet HTML 321Page - Exar Corporation XRT7250 Datasheet HTML 322Page - Exar Corporation XRT7250 Datasheet HTML 323Page - Exar Corporation XRT7250 Datasheet HTML 324Page - Exar Corporation XRT7250 Datasheet HTML 325Page - Exar Corporation XRT7250 Datasheet HTML 326Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
303
2. Enable the BIP-4 Error Interrupt. This is accom-
plished by writing a “1” into bit-field 2 (BIP-4 Error
Interrupt Enable) within the RxE3 Interrupt
Enable Register, as illustrated below.
After doing this, the XRT7250 Framer IC will generate
an interrupt to the Microprocessor/Microcontroller
anytime the Receive Section detects a BIP-4 error.
5.3.3
The Receive HDLC Controller Block
The Receive E3 HDLC Controller block can be used
to receive message-oriented signaling (MOS) type
data link messages from the remote terminal equip-
ment.
The MOS types of HDLC message processing is dis-
cussed in detail below.
The Message Oriented Signaling (e.g., LAP-D)
Processing via the Receive E3 HDLC Controller
block
The LAPD Receiver (within the Receive E3 HDLC
Controller block) allows the user to receive PMDL
messages from the remote terminal equipment, via
the inbound E3 frames. In this case, the inbound
message bits will be carried by the “N” bit-field within
each inbound E3 Frame. The remote LAPD Transmit-
ter will transmit a LAPD Message to the Local Receiv-
er via either the “N” bit within each E3 Frame. The
LAPD Receiver will receive and store the information
portion of the received LAPD frame into the Receive
LAPD Message Buffer, which is located at addresses:
0xDE through 0x135 within the on-chip RAM. The
LAPD Receiver has the following responsibilities.
• Framing to the incoming LAPD Messages
• Filtering out stuffed "0’s" (within the information
payload)
• Storing the Frame Message into the Receive LAPD
Message Buffer
• Perform Frame Check Sequence (FCS) Verification
• Provide status indicators for
End of Message (EOM)
Flag Sequence Byte detected
Abort Sequence detected
Message Type
C/R Type
The occurrence of FCS Errors
The LAPD receiver's actions are facilitated via the fol-
lowing two registers.
• Rx E3 LAPD Control Register
• Rx E3 LAPD Status Register
Operation of the LAPD Receiver
The LAPD Receiver, once enabled, will begin search-
ing for the boundaries of the incoming LAPD mes-
sage. The LAPD Message Frame boundaries are de-
lineated via the Flag Sequence octets (0x7E), as de-
picted in Figure 142.
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
FERF
Interrupt Enable
BIP-4 Error
Interrupt Enable
Framing Error
Interrupt Enable
Not Used
R/W
RO
RO
RO
R/W
R/W
R/W
RO
000
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com