Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBP-101 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SBP-101
Description  Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SBP-101 Datasheet(HTML) 1 Page - Mini-Circuits

  SBP-101 Datasheet HTML 1Page - Mini-Circuits SBP-101 Datasheet HTML 2Page - Mini-Circuits SBP-101 Datasheet HTML 3Page - Mini-Circuits SBP-101 Datasheet HTML 4Page - Mini-Circuits SBP-101 Datasheet HTML 5Page - Mini-Circuits SBP-101 Datasheet HTML 6Page - Mini-Circuits SBP-101 Datasheet HTML 7Page - Mini-Circuits SBP-101 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Flat group delay over passband
• Narrow bandwidth
• Good VSWR (1.2:1 typical)
• Fast roll-off
• High rejection
Product Overview
SBP-101+ is a 50W bandpass filter in a connectorized package. The bandpass filter covers from 94 to 108 MHz, and
offers good matching within the passband with high out of band rejection. The filter uses miniature high Q capacitors
and wire welded inductors for high reliability. It has repeatable performance across production lots and consistent
performance across temperature.
Feature
Advantages
Flat group delay over passband
The model has flat group delay of over passband which ensures that the signal distortion is very less.
Good VSWR, 1.2:1 typical over
passband
This provides well matched input and output ports.
High rejection
This enables the filter to attenuate spurious signals and reject harmonics for broad frequency band.
Connectorized package
Connectorized package is easy to interface with other devices and well suited for test setups.
Key Features
SBP-101+
50W
94 to 108 MHz
CASE STYLE: FF99
Bandpass Filter
Coaxial
Generic photo used for illustration purposes only
Page 1 of 3


Similar Part No. - SBP-101

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBP-10.7 MINI-SBP-10.7 Datasheet
179Kb / 1P
Bandpass Filter
SBP-10.7+ MINI-SBP-10.7+ Datasheet
179Kb / 1P
Bandpass Filter
logo
Hanwha Vision Co., Ltd....
SBP-100S HANWHAVISION-SBP-100S Datasheet
298Kb / 2P
Stainless Steel Strap for Poles
logo
Eravant
SBP-1041241015-0808-E1 ERAVANT-SBP-1041241015-0808-E1 Datasheet
237Kb / 2P
F-Band Power Amplifier, 100 to 115 GHz, 10 dB Gain, 15 dBm P1dB
SBP-1041242015-0808-E1 ERAVANT-SBP-1041242015-0808-E1 Datasheet
237Kb / 2P
F-Band Power Amplifier, 100 to 115 GHz, 20 dB Gain, 15 dBm P1dB
More results

Similar Description - SBP-101

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com