Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBP-101 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SBP-101
Description  Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SBP-101 Datasheet(HTML) 2 Page - Mini-Circuits

  SBP-101 Datasheet HTML 1Page - Mini-Circuits SBP-101 Datasheet HTML 2Page - Mini-Circuits SBP-101 Datasheet HTML 3Page - Mini-Circuits SBP-101 Datasheet HTML 4Page - Mini-Circuits SBP-101 Datasheet HTML 5Page - Mini-Circuits SBP-101 Datasheet HTML 6Page - Mini-Circuits SBP-101 Datasheet HTML 7Page - Mini-Circuits SBP-101 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial
SBP-101+
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.25 W max.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M175364
SBP-101+
EDU3156
URJ
191112
Page 2 of 3
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
F1
F2
FREQUENCY (MHz)
F4
F3
F7
DC
F5 F6
F9
F8
50W
94 to 108 MHz
Bandpass Filter
0
2
4
6
8
10
12
14
16
18
20
80
90
100
110
120
130
FREQUENCY (MHz)
SBP-101+
INSERTION LOSS (Zoomed)
Applications
• Test equipment
• Harmonic rejection
• Transmitters / Receivers
• Military
Features
• Flat group delay over passband
• Good VSWR, 1.2:1 typical in passband
• High rejection, 60 dB typ
• Rugged shielded case
• Connectorized package
• Fast roll-off
CASE STYLE: FF99
Connectors
Model
SMA
SBP-101+
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(ns)
1
92.02
172.45
94.0
49.09
10
75.11
73.77
94.5
47.36
30
67.68
52.02
95.0
45.87
50
69.79
49.32
95.5
44.60
79
30.15
34.97
96.0
43.50
80
27.94
32.13
96.5
42.56
83
20.79
21.57
97.0
41.75
90
3.72
1.91
97.5
41.03
94
2.08
1.19
98.0
40.41
101
1.77
1.06
98.5
39.86
108
2.01
1.12
99.0
39.38
123
20.34
17.31
99.5
38.95
130
28.55
25.50
100.0
38.58
132
30.50
27.51
100.5
38.26
145
40.67
38.61
101.0
38.00
200
68.68
72.62
101.5
37.77
680
95.68
210.10
102.0
37.59
1000
71.29
177.70
106.0
38.10
2000
56.00
83.90
107.0
39.12
3300
32.25
36.96
108.0
40.70
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
0
10
20
30
40
50
60
70
80
90
100
0
660
1320
1980
2640
3300
FREQUENCY (MHz)
SBP-101+
INSERTION LOSS
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
85
90
95
100
105
110
115
FREQUENCY (MHz)
SBP-101+
VSWR
0
10
20
30
40
50
60
70
80
90
100
87
92
97
102
107
112
117
FREQUENCY (MHz)
SBP-101+
GROUP DELAY
Generic photo used for illustration purposes only
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center frequency
-
-
-
101
-
MHz
Insertion Loss
F1-F2
94 - 108
-
2.3
3.5
dB
VSWR
F1-F2
94 - 108
-
1.2
1.6
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC - 50
50
65
-
dB
F3-F4
50 - 80
20
29
-
dB
VSWR
DC-F4
DC - 80
-
20
-
:1
Stop Band, Upper
Insertion Loss
F5-F6
130 - 200
20
28
-
dB
F6-F7
200 - 680
50
60
-
dB
F7-F8
680 - 2000
-
40
-
dB
F8-F9
2000 - 3300
-
30
-
dB
VSWR
F5-F9
130 - 3300
-
20
-
:1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com