Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED21091S06F Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # 2ED21091S06F
Description  650 V half bridge gate driver with integrated bootstrap diode
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED21091S06F Datasheet(HTML) 5 Page - Infineon Technologies AG

  2ED21091S06F Datasheet HTML 1Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 2Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 3Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 4Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 5Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 6Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 7Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 8Page - Infineon Technologies AG 2ED21091S06F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Datasheet
5 of 26
V 2.22
www.infineon.com/soi
2020-07-02
2ED21091S06F
650 V half bridge gate driver with integrated bootstrap diode
3
Pin configuration and functionality
3.1
Pin configuration
8
7
6
5
DT/SD
IN
1
2
3
4
HO
LO
COM
VCC
VS
VB
8 - Lead DSO - 8 (150 mil)
2ED21091S06F
Figure 3
2ED2109S06F pin assignments (top view)
3.2
Pin functionality
Table 2
Symbol
Description
VCC
Low-side and logic supply voltage
IN
Logic input for high-side and low-side gate driver output (HO and LO), in phase
with HO. Schmitt trigger input with hysteresis and pull down
DT/SD
Logic input for shut down (out of phase) and programmable dead time pin
COM
Low-side gate drive return
LO
Low-side driver output
VS
High voltage floating supply return
HO
High-side driver output
VB
High-side gate drive floating supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com