Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2184S06F Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # 2ED2184S06F
Description  650 V high-side and low-side gate driver with integrated bootstrap diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2ED2184S06F Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button 2ED2184S06F Datasheet HTML 15Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 16Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 17Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 18Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 19Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 20Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 21Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 22Page - Infineon Technologies AG 2ED2184S06F Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Datasheet
19 of 24
V 2.21
www.infineon.com/soi
2020-07-07
2ED2181 (4) S06F (J)
650 V high-side and low-side driver with integrated bootstrap diode
6
Qualification information1
Table 7
Qualification information
Qualification level
Industrial2
Note: This family of ICs has passed JEDEC’s Industrial
qualification. Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture sensitivity level
DSO-8
MSL2, 260°C
(per IPC/JEDEC J-STD-020)
DSO-14
MSL33, 260°C
(per IPC/JEDEC J-STD-020)
ESD
Charged device model
Class C3 (1.0 kV)
(per JEDEC standard JS-002)
Human body model
Class 2 (2 kV)
(per JEDEC standard JS-001)
IC latch-up test
Class II Level A
(per JESD78)
RoHS compliant
Yes
7
Related products
Table 8
Product
Description
Gate Driver ICs
6EDL04I06
/
6EDL04N06
600 V, 3 phase level shift thin-film SOI gate driver with integrated high speed, low RDS(ON) bootstrap
diodes with over-current protection (OCP), 240/420 mA source/sink current drive, Fault reporting,
and Enable for MOSFET or IGBT switches.
2EDL23I06 /
2EDL23N06
600 V, Half-bridge thin-film SOI level shift gate driver with integrated high speed, low
RDSON bootstrap diode, with over-current protection (OCP), 2.3/2.8 A source/sink current driver,
and one pin Enable/Fault function for MOSFET or IGBT switches.
Power Switches
IKD04N60R / RF
600 V TRENCHSTOP™ IGBT with integrated diode in PG-TO252-3 package
IKD06N65ET6
650 V TRENCHSTOP™ IGBT with integrated diode in DPAK
IPD65R950CFD
650 V CoolMOS CFD2 with integrated fast body diode in DPAK
IPN50R950CE
500 V CoolMOS CE Superjunction MOSFET in PG-SOT223 package
iMOTION™ Controllers
IRMCK099
iMOTION™ Motor control IC for variable speed drives utilizing sensor-less Field Oriented Control
(FOC) for Permanent Magnet Synchronous Motors (PMSM).
IMC101T
High performance Motor Control IC for variable speed drives based on field oriented control (FOC)
of permanent magnet synchronous motors (PMSM).
1
Qualification standards can be found at Infineon’s web site www.infineon.com
2
Higher qualification ratings may be available should the user have such requirements. Please contact your Infineon sales
representative for further information.
3
DSO-14 package with MSL2 rating is available if required. Please contact your Infineon sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com