Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3543 Datasheet(PDF) 59 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 55Page - Texas Instruments ADC3543 Datasheet HTML 56Page - Texas Instruments ADC3543 Datasheet HTML 57Page - Texas Instruments ADC3543 Datasheet HTML 58Page - Texas Instruments ADC3543 Datasheet HTML 59Page - Texas Instruments ADC3543 Datasheet HTML 60Page - Texas Instruments ADC3543 Datasheet HTML 61Page - Texas Instruments ADC3543 Datasheet HTML 62Page - Texas Instruments ADC3543 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
deliver the full swing. The ADC354x provides an output common mode voltage of 0.95V and the THS4541 for
example can only swing within 250 mV of its negative supply. A unipolar 3.3 V amplifier power supply will thus
limit the maximum voltage swing to ~ 2.8Vpp. Additionally input voltage protection diodes may be needed to
protect the ADC from over-voltage events.
Table 8-2. Output voltage swing of THS4541 vs power supply
DEVICE
MIN OUTPUT VOLTAGE
MAX SWING WITH 3.3 V/ 0 V SUPPLY
THS4541
VS- + 250 mV
2.8 Vpp
8.1.2 Detailed Design Procedure
8.1.2.1 Input Signal Path
Depending on desired input signal frequency range the THS4551 and THS4541 provide very good low power
options to drive the ADC inputs. Table 8-3 provides a comparison between the THS4551 and THS4541 and the
power consumption vs usable frequency trade off.
Table 8-3. Fully Differential Amplifier Options
DEVICE
CURRENT (IQ) PER CHANNEL
USABLE FREQUENCY RANGE
THS4561
0.8 mA
< 3 MHz
THS4551
1.4 mA
< 10 MHz
THS4541
10 mA
< 70 MHz
The low pass filter design (topology, filter order) is driven by the application itself. However, when designing the
low pass filter, the optimum load impedance for the amplifier should be taken into consideration as well. Between
the low pass filter and the ADC input the sampling glitch filter needs to added as well as shown in Section
7.3.1.2.1. In this example the DC - 30 MHz glitch filter is selected.
8.1.2.2 Sampling Clock
Applications operating with low input frequencies (such as DC to 20 MHz) typically are less sensitive to
performance degradation due to clock jitter. The internal ADC aperture jitter improves with faster rise and fall
times (i.e. square wave vs sine wave). Table 8-4 provides an overview of the estimated SNR performance of the
ADC354x based on different amounts of jitter of the external clock source. The SNR is estimated based on
ADC354x thermal noise of 79 dBFS and input signal at -1dBFS.
Table 8-4. ADC SNR performance across vs input frequency for different amounts of external clock jitter
INPUT FREQUENCY
TJ,EXT = 100 fs
TJ,EXT = 250 fs
TJ,EXT = 500 fs
TJ,EXT = 1 ps
5 MHz
79.0
78.9
78.9
78.8
10 MHz
78.9
78.9
78.7
78.0
20 MHz
78.9
78.6
78.0
75.9
Termination of the clock input should be considered for long clock traces.
8.1.2.3 Voltage Reference
The ADC354x is configured to internal reference operation by applying 0.6 V to the REFBUF pin.
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com