Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3543 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 2Page - Texas Instruments ADC3543 Datasheet HTML 3Page - Texas Instruments ADC3543 Datasheet HTML 4Page - Texas Instruments ADC3543 Datasheet HTML 5Page - Texas Instruments ADC3543 Datasheet HTML 6Page - Texas Instruments ADC3543 Datasheet HTML 7Page - Texas Instruments ADC3543 Datasheet HTML 8Page - Texas Instruments ADC3543 Datasheet HTML 9Page - Texas Instruments ADC3543 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6.5 Electrical Characteristics - Power Consumption
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –
40°C to TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD, IOVDD = 1.8 V, and –1-
dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3541 - 10 MSPS
IAVDD
Analog supply current
External reference
17
mA
IIOVDD
I/O supply current(1)
SDR CMOS
3
PDIS
Power dissipation(1)
External reference, SDR CMOS
36
mW
IIOVDD
I/O supply current(1)
DDR CMOS
TBD
mA
Serial CMOS 2-wire
TBD
Serial CMOS 1-wire
TBD
4x complex decimation, SDR CMOS
TBD
ADC3542 - 25 MSPS
IAVDD
Analog supply current
External reference
20
mA
IIOVDD
I/O supply current(1)
SDR CMOS
5
mA
PDIS
Power dissipation(1)
External reference, SDR CMOS
45
mW
IIOVDD
I/O supply current(1)
DDR CMOS
TBD
mA
Serial CMOS 2-wire
TBD
4x complex decimation, SDR CMOS
TBD
ADC3543 - 65 MSPS
IAVDD
Analog supply current
External reference
35
mA
IIOVDD
I/O supply current(1)
SDR CMOS
9
PDIS
Power dissipation(1)
External reference, SDR CMOS
79
mW
IIOVDD
I/O supply current(1)
DDR CMOS
TBD
mA
4x complex decimation, SDR CMOS
TBD
MISCELLANEOUS
IAVDD
Internal reference, additional analog
supply current
FS = 10 MSPS
1
mA
FS = 25 MSPS
1.5
FS = 65 MSPS
3.5
External reference, Internal reference
buffer (REFBUF), additional analog
supply current
Enabled via SPI
TBD
Single ended clock input, reduces
analog supply current by
1
PDIS
Power consumption in global power
down mode
Default power down mask, internal
reference
5
mW
Default power down mask, external
reference
9
(1)
Measured with a 2 MHz input frequency full-scale sine wave at specified sample rate, with ~ 5 pF loading on each CMOS output pin.
ADC3541
SBAS840 – JULY 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com