Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD3000SOT89 Datasheet(PDF) 7 Page - Filtronic Compound Semiconductors

Part # FPD3000SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000SOT89 Datasheet(HTML) 7 Page - Filtronic Compound Semiconductors

  FPD3000SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FPD3000SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: +1 408 850-5790
http:// www.filtronic.co.uk/semis
Revised: 01/05/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
TYPICAL SCATTERING PARAMETERS (50Ω SYSTEM)
See Website “More Info” for S-parameter design files.
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
FPD3000SOT89 5V / 50%IDSS
Swp Max
8GHz
Swp Min
0.5GHz
S22
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
0
1.
0
1.
0
-
1.
0
10
.0
10.0
-10.0
5.
0
5.0
-5.0
2.
0
2.
0
-
2.
0
3.
0
3.0
-3.0
4.
0
4.0
-4.0
0.
2
0.2
-0.2
0.
4
0.4
-0.4
0.
6
0.
6
-
0.
6
0.
8
0.
8
-
0.
8
FPD3000SOT89 5V / 50%IDSS
Swp Max
8GHz
Swp Min
0.5GHz
S11
1 GHz
1.5 GHz
2 GHz
2.5 GHz
3 GHz
3.5 GHz
4 GHz
5 GHz
6 GHz
7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com