Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD4000AF Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part # FPD4000AF
Description  4W PACKAGED POWER PHEMT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD4000AF Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

  FPD4000AF Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRELIMINARY
FPD4000AF
4W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filcs.com
Revised: 08/09/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
ACPR measurement at 4 dB back-off from P1dB with WCDMA BTS Forward modulation:
FPD4000AF ADJACENT AND ALTERNATE CHANNEL POWER RATIOS
WCDMA BTS FORWARD 10.15 dB Pk/Avg 0.001% f = 2.5 GHz STD. BIAS
-70
-60
-50
-40
-30
-20
-10
0
9
1011
1213
1415161718
19202122
Input Power (dBm)
0
5
10
15
20
25
30
35
ADJ CHANNEL (5 MHz)
ALT CHANNEL (10 MHz)
OUTPUT POWER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com