Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD4000AF Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FPD4000AF
Description  4W PACKAGED POWER PHEMT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD4000AF Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FPD4000AF Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD4000AF Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY
FPD4000AF
4W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http:// www.filcs.com
Revised: 08/09/04
Fax: +1 408 850-5766
Email: sales@filcsi.com
RECOMMENDED OPERATING BIAS CONDITIONS
Drain-Source Voltage:
From 5V to 10V
Quiescent Current:
From 25% IDSS to 55% IDSS
ABSOLUTE MAXIMUM RATINGS1
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
-3V < VGS < +0V
12
V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3
V
Drain-Source Current
IDS
For VDS > 2V
IDSS
mA
Gate Current
IG
Forward / Reverse current
+25/-4
mA
RF Input Power2
PIN
Under any acceptable bias state
1.5
W
Channel Operating Temperature
TCH
Under any acceptable bias state
175
ºC
Storage Temperature
TSTG
Non-Operating Storage
-40
150
ºC
Total Power Dissipation
PTOT
See De-Rating Note below
12
W
Gain Compression
Comp.
Under any bias conditions
5
dB
Simultaneous Combination of Limits3
2 or more Max. Limits
80
%
1TAmbient = 22°C unless otherwise noted
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
Notes:
Operating conditions that exceed the Absolute Maximum Ratings will result in permanent damage to the device.
Total Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where:
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 12 - (0.083W/°C) x TPACK
where TPACK = source tab lead temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 55
°C source lead temperature: PTOT = 12 - (0.083 x (55 – 22)) = 9.3W
Note on Thermal Resistivity: The nominal value of 12
°C/W is measured with the package mounted on a large
heatsink with thermal compound to ensure adequate contact. The package temperature is referred to the Source
flange.
HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A per ESD-STM5.1-1998, Human Body Model.
Further information on ESD control measures can be found in MIL-STD-1686 and MIL-HDBK-263.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com