Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5150 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-5150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5150 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-5150 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Specifications (DC)
Over recommended operating conditions (TA = -55 to +125°C, IF(ON) = 10 to 18 mA, VF(OFF) = -3.0 to 0.8V, VCC = 15 to 30 V,
VEE = Ground) unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroups
(13)
Limits
Units
Fig.
Note
Min.
Typ.*
Max.
High Level
Output Current
IOH
VO = (VCC − 4 V)
1, 2, 3
0.1
0.4
A
2, 3, 17
2
VO = (VCC − 15 V)
0.5
1
Low Level
Output Current
IOL
VO = (VEE + 2.5 V)
1, 2, 3
0.1
0.6
A
5, 6, 18
2
VO = (VEE + 15 V)
0.5
1
High Level
Output Voltage
VOH
IO = -100 mA
1, 2, 3
(VCC − 4) (VCC − 3)
V
1, 3, 19
3, 4
Low Level
Output Voltage
VOL
IO = 100 mA
1, 2, 3
0.4
1.0
V
4, 6, 20
High Level
Supply Current
ICCH
Output Open,
IF = 10 to 18 mA
1, 2, 3
2.5
5.0
mA
7, 8
Low Level
Supply Current
ICCL
Output Open,
VF = -3.0 to +0.8V
1, 2, 3
2.7
5.0
mA
Threshold Input Cur-
rent Low to High
IFLH
IO = 0 mA,
VO > 5 V
1, 2, 3
2.6
9.0
mA
9, 15,
21
Threshold Input
Voltage High to Low
VFHL
1, 2, 3
0.8
V
Input Forward
Voltage
VF
IF = 10 mA
1, 2, 3
1.2
1.5
1.8
V
16
Temperature
Coefficient of
Forward Voltage
∆VF/∆TA
IF = 10 mA
-1.6
mV/
°C
Input Reverse
Breakdown Voltage
BVR
IR = 10 µA
1, 2, 3
5
V
Input Capacitance
CIN
f = 1 MHz,
VF = 0 V
80
pF
UVLO Threshold
VUVLO+
VO > 5 V,
IF = 10 mA
1, 2, 3
11.0
12.3
13.5
V
22, 37
VUVLO-
1, 2, 3
9.5
10.7
12.0
UVLO Hysteresis
UVLOHYS
1.6
*All typical values at TA = 25°C and VCC − VEE = 30 V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com