Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2311KL2-R0048T Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # DSC2311KL2-R0048T
Description  Crystal-less??Configurable Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2311KL2-R0048T Datasheet(HTML) 4 Page - Micrel Semiconductor

  DSC2311KL2-R0048T Datasheet HTML 1Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 2Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 3Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 4Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micrel, Inc.
DSC2311KL2-R0048
Current Consumption
Figure 1. Total Current = Disabled Current +
IDD Fout1 +
IDD Fout2
Solder Reflow Profile
Figure 2. Solder Reflow Profile
6 QFN
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/sec Max.
Preheat Time 150°C to 200°C
60 - 180 sec
Time maintained above 217°C
60 - 150 sec
Peak Temperature
255 - 260°C
Time within 5°C of actual Peak
20 - 40 sec
Ramp-Down Rate
6°C/sec Max.
Time 25°C to Peak Temperature
8 min Max.
May 19, 2016
4
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
3917



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com