Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC2311KL2-R0048T Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # DSC2311KL2-R0048T
Description  Crystal-less??Configurable Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2311KL2-R0048T Datasheet(HTML) 5 Page - Micrel Semiconductor

  DSC2311KL2-R0048T Datasheet HTML 1Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 2Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 3Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 4Page - Micrel Semiconductor DSC2311KL2-R0048T Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Micrel, Inc.
DSC2311KL2-R0048
OE Function and Output Waveform
Figure 3. OE Function and Output Waveform
Output
OE
Package Information
7
6-pin TDFN (2.5mm x 2.0mm)
Note:
7. Package information is correct as of the publication date. For updates and most current information, go to www.micrel.com.
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data
sheet. This information is not intended as a warranty and Micrel does not assume responsibility for its use. Micrel reserves the right
to change circuitry, specifications and descriptions at any time without notice. No license, whether express, implied, arising by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Micrel's terms and
conditions of sale for such products, Micrel assumes no liability whatsoever, and Micrel disclaims any express or implied warranty
relating to the sale and/or use of Micrel products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright or other intellectual property right.
Micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction
of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a)
are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected
to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices
or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
© 2016 Micrel, Incorporated.
May 19, 2016
5
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
3917



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com