Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071IDRG4 Datasheet(PDF) 48 Page - Texas Instruments

Part # TLE2071IDRG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071IDRG4 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLE2071IDRG4 Datasheet HTML 44Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 45Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 46Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 47Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 48Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 49Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 50Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 51Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6, 7, 8
αVIO
Temperature coefficient of input offset voltage
Distribution
9, 10, 11
IIO
Input offset current
vs Free-air temperature
12, 13
IIB
Input bias current
vs Free-air temperature
vs Total supply voltage
12, 13
14
VICR
Common-mode input voltage range
vs Free-air temperature
15
VO
Output voltage
vs Differential input voltage
16, 17
VOM +
Maximum positive peak output voltage
vs Output current
18
VOM −
Maximum negative peak output voltage
vs Output current
19
VOM
Maximum peak output voltage
vs Free-air temperature
vs Supply voltage
20, 21
22
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
23
VO
Output voltage
vs Settling time
24
AVD
Large-signal differential voltage amplification
vs Load resistance
vs Free-air temperature
25
26, 27
AVD
Small-signal differential voltage amplification
vs Frequency
28, 29
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
30
31
kSVR
Supply-voltage rejection ratio
vs Frequency
vs Free-air temperature
32
33
ICC
Supply current
vs Supply voltage
vs Free-air temperature
vs Differential input voltage
34, 35, 36
37, 38, 39
40 − 45
IOS
Short-circuit output current
vs Supply voltage
vs Elapsed time
vs Free-air temperature
46
47
48
SR
Slew rate
vs Free-air temperature
vs Load resistance
vs Differential input voltage
49, 50
51
52
Vn
Equivalent Input noise voltage (spectral density)
vs Frequency
53
Vn
Input referred noise voltage
vs Noise bandwidth
Over a 10-second time interval
54
55
Third-octave spectral noise density
vs Frequency bands
56
THD + N
Total harmonic distortion plus noise
vs Frequency
57, 58
B1
Unity-gain bandwidth
vs Load capacitance
59
Gain-bandwidth product
vs Free-air temperature
vs Supply voltage
60
61
Gain margin
vs Load capacitance
62
φm
Phase margin
vs Free-air temperature
vs Supply voltage
vs Load capacitance
63
64
65
Phase shift
vs Frequency
28, 29
Noninverting large-signal pulse response
vs Time
66
Small-signal pulse response
vs Time
67
zo
Closed-loop output impedance
vs Frequency
68
Crosstalk attenuation
vs Frequency
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com