Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071IDRG4 Datasheet(PDF) 60 Page - Texas Instruments

Part # TLE2071IDRG4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071IDRG4 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TLE2071IDRG4 Datasheet HTML 56Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 57Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 58Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 59Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 60Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 61Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 62Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 63Page - Texas Instruments TLE2071IDRG4 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 46
0
2.5
5
7.5
10 12.5 15 17.5 20 22.5 25
0
−12
− 36
− 48
− 60
48
− 24
24
12
36
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
60
VO = 0
TA = 25°C
VID = − 1 V
VID = 1 V
|VCC ±| − Supply Voltage − V
Figure 47
10
−10
− 20
− 50
0
60
120
30
40
t − Elapsed Time − s
50
180
20
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
VCC ± = ±15 V
VID = − 1 V
VID = 1 V
− 30
− 40
VO = 0
TA = 25°C
Figure 48
TA − Free-Air Temperature − °C
0
− 16
− 48
− 64
− 80
64
− 32
−75 − 55 − 35 −15
5
25
45
32
16
48
SHORT-CIRCUIT OUTPUT CURRENT†
vs
FREE-AIR TEMPERATURE
80
65
85
105 125
VCC ± = ±15 V
VCC ± = ±15 V
VCC ± = ±5 V
VCC ± = ±5 V
VID = − 1 V
VID = 1 V
VO = 0
Figure 49
TA − Free-Air Temperature − °C
35
33
29
27
25
43
31
−75 − 55 − 35 −15
5
25
45
39
37
41
SLEW RATE†
vs
FREE-AIR TEMPERATURE
45
65
85
105 125
SR −
SR +
RL = 2 kΩ
CL = 100 pF
VCC ± = ±15 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com