Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071IPE4 Datasheet(PDF) 51 Page - Texas Instruments

Part # TLE2071IPE4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071IPE4 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TLE2071IPE4 Datasheet HTML 47Page - Texas Instruments TLE2071IPE4 Datasheet HTML 48Page - Texas Instruments TLE2071IPE4 Datasheet HTML 49Page - Texas Instruments TLE2071IPE4 Datasheet HTML 50Page - Texas Instruments TLE2071IPE4 Datasheet HTML 51Page - Texas Instruments TLE2071IPE4 Datasheet HTML 52Page - Texas Instruments TLE2071IPE4 Datasheet HTML 53Page - Texas Instruments TLE2071IPE4 Datasheet HTML 54Page - Texas Instruments TLE2071IPE4 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
10 4
10 3
10 2
10 0
10 1
10 6
INPUT BIAS CURRENT
vs
TOTAL SUPPLY VOLTAGE
0
5
10
15
20
25
30
35
40
45
TA = 25°C
TA = − 55°C
10 5
VICmin
TA = 125°C
VICmax = VCC +
VCC − Total Supply Voltage (referred to VCC −) − V
Figure 15
525
45
COMMON-MODE INPUT VOLTAGE RANGE†
vs
FREE-AIR TEMPERATURE
65
85
105 125
RS = 50 Ω
VCC + + 0.5
VCC + −0.5
VCC − + 3.5
VCC +
VCC − +3
VCC − + 2.5
VCC − +2
VICmin
VICmax
− 75 − 55 − 35 − 15
TA − Free-Air Temperature − °C
Figure 16
− 5 − 4
− 3
− 2 − 10
0
1
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
25
RL = 2 kΩ
RL = 2 kΩ
RL = 10 kΩ
RL = 10 kΩ
VCC ± = ±5 V
VIC = 0
RS = 50 Ω
TA = 25°C
RL = 600 Ω
RL = 600 Ω
− 100
− 200
− 300
− 400
100
200
400
300
0
34
VID − Differential Input Voltage − µV
Figure 17
− 100
− 200
− 300
− 400
− 15
− 10
− 5
5
0
100
200
400
10
15
RL = 2 kΩ
VCC ± = ±15 V
RL = 10 kΩ
RL = 10 kΩ
RL = 2 kΩ
RL = 600 Ω
RL = 600 Ω
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
300
0
VID − Differential Input Voltage − µV
VIC = 0
RS = 50 Ω
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com