Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071IPE4 Datasheet(PDF) 61 Page - Texas Instruments

Part # TLE2071IPE4
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071IPE4 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TLE2071IPE4 Datasheet HTML 57Page - Texas Instruments TLE2071IPE4 Datasheet HTML 58Page - Texas Instruments TLE2071IPE4 Datasheet HTML 59Page - Texas Instruments TLE2071IPE4 Datasheet HTML 60Page - Texas Instruments TLE2071IPE4 Datasheet HTML 61Page - Texas Instruments TLE2071IPE4 Datasheet HTML 62Page - Texas Instruments TLE2071IPE4 Datasheet HTML 63Page - Texas Instruments TLE2071IPE4 Datasheet HTML 64Page - Texas Instruments TLE2071IPE4 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
61
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 50
TA − Free-Air Temperature − °C
50
46
38
34
30
66
42
−75 − 55 − 35 −15
5
25
45
58
54
62
SLEW RATE†
vs
FREE-AIR TEMPERATURE
70
65
85
105 125
VCC ± = ±15 V
RL = 2 kΩ
CL = 100 pF
SR −
SR +
Figure 51
RL − Load Resistance − Ω
10
−10
0
− 20
− 50
50
− 30
100
1 k
10 k
100 k
30
20
40
SLEW RATE
vs
LOAD RESISTANCE
VCC ± = ±15 V
VO ± = ±10 V
Rising Edge
Falling Edge
− 40
VCC ± = ±5 V
VO ± = ±2.5 V
AV = − 1
CL = 100 pF
TA = 25°C
Figure 52
VID − Differential Input Voltage − V
50
0.1
0.4
1
4
10
SLEW RATE
vs
DIFFERENTIAL INPUT VOLTAGE
Rising Edge
Falling Edge
AV = − 1
AV = 1
AV = 1
40
30
20
10
0
−10
− 20
− 30
− 40
− 50
CL = 100 pF
TA = 25°C
VO ± = ±10 V (10% − 90%)
VCC ± = ±15 V
AV = − 1
Figure 53
40
5
25
15
0
50
30
10
100
1 k
10 k
45
10
20
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE
(SPECTRAL DENSITY)
vs
FREQUENCY
35
VCC ± = ±15 V
VIC = 0
RS = 20 Ω
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com