Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP17137 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP17137
Description  ~25째 medium beam.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17137 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP17137 Datasheet HTML 1Page - Ledil, Inc. CP17137 Datasheet HTML 2Page - Ledil, Inc. CP17137 Datasheet HTML 3Page - Ledil, Inc. CP17137 Datasheet HTML 4Page - Ledil, Inc. CP17137 Datasheet HTML 5Page - Ledil, Inc. CP17137 Datasheet HTML 6Page - Ledil, Inc. CP17137 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CP17137_CARMEN-M2-C
CARMEN-M2-C
~25° medium beam. Assembly with holder C
compatible with LEDiL HEKLA.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.5 mm
Height
41.5 mm
Fastening
socket
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
CARMEN-M2
Single lens
PMMA
clear
CARMEN-HLD-C
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP17137_CARMEN-M2-C
» Box size: 480 x 280 x 300 mm
Single lens
150
150
15
8.8
Last update: 14/01/2020
Subject to change without prior notice
Published: 03/12/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CP17137

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP17138 LEDIL-CP17138 Datasheet
4Mb / 7P
~25째 wide beam. Assembly with holder C compatible EKLA sockets and connectors.
More results

Similar Description - CP17137

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13459 LEDIL-C13459 Datasheet
2Mb / 4P
~25째 medium beam
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
CN12216 LEDIL-CN12216 Datasheet
3Mb / 4P
~25째 infrared medium beam
CP12819 LEDIL-CP12819 Datasheet
1Mb / 4P
~25째 medium beam optimized
FP16608 LEDIL-FP16608 Datasheet
2Mb / 5P
25째 medium beam
C12287 LEDIL-C12287 Datasheet
2Mb / 6P
~25째 medium beam
C13254 LEDIL-C13254 Datasheet
2Mb / 5P
~25째 medium beam
CA12536 LEDIL-CA12536 Datasheet
5Mb / 10P
~25째 medium beam
C12095 LEDIL-C12095 Datasheet
4Mb / 6P
~25째 medium beam
CA14434 LEDIL-CA14434 Datasheet
3Mb / 5P
~25째 medium beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com