Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP17137 Datasheet(PDF) 5 Page - Ledil, Inc.

Part # CP17137
Description  ~25째 medium beam.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17137 Datasheet(HTML) 5 Page - Ledil, Inc.

  CP17137 Datasheet HTML 1Page - Ledil, Inc. CP17137 Datasheet HTML 2Page - Ledil, Inc. CP17137 Datasheet HTML 3Page - Ledil, Inc. CP17137 Datasheet HTML 4Page - Ledil, Inc. CP17137 Datasheet HTML 5Page - Ledil, Inc. CP17137 Datasheet HTML 6Page - Ledil, Inc. CP17137 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRODUCT
DATASHEET
CP17137_CARMEN-M2-C
PHOTOMETRIC DATA (SIMULATED):
LED
V4 HD
FWHM
24.0°
Efficiency
73 %
Peak intensity
3.9 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
F15253_HEKLA-SOCKET-A
LED
V6 HD
FWHM
24.0°
Efficiency
69 %
Peak intensity
3.6 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
F15255_HEKLA-SOCKET-C
LED
CLL02x/CLU02x (LES10)
FWHM
24.0°
Efficiency
63 %
Peak intensity
2.9 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
F15255_HEKLA-SOCKET-C
LED
CLU700/701/702
FWHM
24.0°
Efficiency
70 %
Peak intensity
3.6 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
F15255_HEKLA-SOCKET-C
Last update: 14/01/2020
Subject to change without prior notice
Published: 03/12/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com