Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12XXXH Datasheet(PDF) 2 Page - STMicroelectronics

Part # S12XXXH
Description  The S12xxxH series of SCRs uses a high performance MESA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S12XXXH Datasheet(HTML) 2 Page - STMicroelectronics

  S12XXXH Datasheet HTML 1Page - STMicroelectronics S12XXXH Datasheet HTML 2Page - STMicroelectronics S12XXXH Datasheet HTML 3Page - STMicroelectronics S12XXXH Datasheet HTML 4Page - STMicroelectronics S12XXXH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PG (AV)=1 W PGM =10 W (tp = 20
µs)
IGM =4A(tp =20
µs)
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
60
°C/W
Rth(j-c)
Junction to case for DC
3
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Sensitivity
Unit
06
10
17
IGT
VD=12V (DC) RL=33
Ω
Tj= 25
°C
MIN
0.5
10
4
mA
MAX
5
25
15
VGT
VD=12V (DC) RL=33
Ω
Tj= 25
°C
MAX
1.5
V
VGD
VD=VDRM RL=3.3k
Ω
Tj= 125
°C MIN
0.2
V
tgt
VD=VDRM
ITM=3 x IT(AV)
dIG/dt = 0.5A/
µsIG = 40mA
Tj= 25
°C
TYP
2
µs
IH
IT= 250mA Gate open
Tj= 25
°C
MAX
15
50
30
mA
IL
IG=1.2 IGT
Tj= 25
°C
MAX
30
100
60
mA
VTM
ITM= 24A tp= 380
µs
Tj= 25
°C
MAX
1.6
V
IDRM
IRRM
VD =VDRM
VR =VRRM
Tj= 25
°C
MAX
5
µA
Tj= 110
°C MAX
1.5
mA
dV/dt
VD=67%VDRM
Gate open
Tj= 110
°C MIN
200
100
V/
µs
Tj= 110
°C TYP
10
tq
ITM=3 x IT(AV)VR=35V
dI/dt=10A/
µs tp=100µs
dV/dt=5V/
µs
VD= 67%VDRM
Tj= 110
°C MAX
100
µs
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION
S
1217M
H
SCR MESA GLASS
CURRENT
PACKAGE :
H = TO220 Non-insulated
VOLTAGE
SENSITIVITY
®
S12xxxH
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com