Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12XXXH Datasheet(PDF) 5 Page - STMicroelectronics

Part # S12XXXH
Description  The S12xxxH series of SCRs uses a high performance MESA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S12XXXH Datasheet(HTML) 5 Page - STMicroelectronics

  S12XXXH Datasheet HTML 1Page - STMicroelectronics S12XXXH Datasheet HTML 2Page - STMicroelectronics S12XXXH Datasheet HTML 3Page - STMicroelectronics S12XXXH Datasheet HTML 4Page - STMicroelectronics S12XXXH Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THO MSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1995 SGS-THOMSON Microelectronics - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
PACKAGE MECHANICAL DATA
TO220 Non-insulated (Plastic)
D
G
I
H
J
B
A
L
N1
M
N
O
P
C
F
REF.
DIMENSIONS
Millimeters
Inches
Typ.
Min. Max. Typ.
Min. Max.
A
10.3
0.406
B
6.3
6.5
0.248 0.256
C
9.1
0.358
D
12.7
0.500
F
4.2
0.165
G
3.0
0.118
H
4.5
4.7
0.177 0.185
I
3.53
3.66
0.139 0.144
J
1.2
1.3
0.047 0.051
L
0.9
0.035
M
2.7
0.106
N
5.3
0.209
N1
2.54
0.100
O
1.2
1.4
0.047 0.055
P
1.15
0.045
Marking : type number
Weight : 1.8 g
®
S12xxxH
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com