Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZAF5.6A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SZAF5.6A
Description  Zener voltage regulator diodes 1 Watt Steady State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SZAF5.6A Datasheet(HTML) 2 Page - Leshan Radio Company

  SZAF5.6A Datasheet HTML 1Page - Leshan Radio Company SZAF5.6A Datasheet HTML 2Page - Leshan Radio Company SZAF5.6A Datasheet HTML 3Page - Leshan Radio Company SZAF5.6A Datasheet HTML 4Page - Leshan Radio Company SZAF5.6A Datasheet HTML 5Page - Leshan Radio Company SZAF5.6A Datasheet HTML 6Page - Leshan Radio Company SZAF5.6A Datasheet HTML 7Page - Leshan Radio Company SZAF5.6A Datasheet HTML 8Page - Leshan Radio Company SZAF5.6A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2.Product Characteristic
Current
Zener
Maximum
Regulator
Current2)
I
Z zk@ Izk
Z zk@ Izk
Z zt @ I zt
I zt
Voltage
R
VR
IZM @
Tamb =50 °C
Vz@Lzt
Volts
mA
Volts
uA Max
m A
Ohms
Ohms
mA
2.4
Z2.4
102
1.0
1
1200
30
252
2.5
Z2.5
98
1.0
1
1250
30
241
2.7
Z2.7
90
1.0
1
1300
30
222
2.8
Z2.8
SZAF2.4A
SZAF2.5A
SZAF2.7A
SZAF2.8A
87
1.0
1
1400
30
216
3.0
Z3.0
SZAF3.0A
82
1.0
1
1600
29
201
3.3
Z3.3
SZAF3.3A
76
1.0
1
400
28
184
3.6
Z3.6
SZAF3.6A
69
1.0
1
400
24
168
3.9
Z3.9
SZAF3.9A
64
1.0
1
400
23
158
4.3
Z4.3
SZAF4.3A
58
1.0
1
400
22
142
4.7
Z4.7
SZAF4.7A
53
1.0
1
400
19
129
SZAF5.1A
Z5.1
5.1
118
1.0
550
7
49
SZAF5.6A
Z5.6
5.6
109
2.0
600
5
45
SZAF6.2A
Z6.2
6.2
97
3.0
700
2
41
Z6.8
SZAF6.8A
4
1300
4
37
6.8
133.3
Z7.5
SZAF7.5A
5
0.5
1300
4.5
34
7.5
121
Z8.2
SZAF8.2A
6
0.5
1300
5.5
31
8.2
110
Z9.1
SZAF9.1A
7
0.5
1300
6
28
9.1
100
Z10
SZAF10A
7.6
1300
7
25
10
91.3
Z11
SZAF11A
8.4
1300
8
23
11
83.3
Z12
SZAF12A
9.1
1300
9
21
12
76
Z13
SZAF13A
9.9
1300
10
19
13
69.3
Z15
SZAF15A
11.4
1300
14
17
15
61.3
Z16
SZAF16A
12.2
1300
16
15.5
16
57.3
Z18
SZAF18A
13.7
1300
20
14
18
50
Z20
SZAF20A
15.2
1300
22
12.5
20
45.3
Z22
SZAF22A
16.7
1300
23
11.5
22
41.3
Z24
SZAF24A
18.2
1300
25
10.5
24
38
Z27
SZAF27A
20.6
1300
35
9.5
27
34
Z30
SZAF30A
22.8
1500
40
8.5
30
30
Z33
SZAF33A
25.1
1500
45
7.5
33
27.3
Z36
SZAF36A
27.4
1500
50
7
36
25.3
Z39
SZAF39A
29.7
1500
60
6.5
39
23.3
Z43
SZAF43A
32.7
2500
70
6
43
22
Z47
SZAF47A
35.8
2500
80
5.5
47
19.3
Z51
SZAF51A
38.8
2500
95
5
51
18
Z56
SZAF56A
42.6
2500
110
4.5
56
16
Z62
SZAF62A
47.1
2500
125
4
62
14
Z68
SZAF68A
51.7
2500
150
3.7
68
13.3
Z75
SZAF75A
56
2500
175
3.3
75
12
Z82
SZAF82A
62.2
3000
200
3
82
11.3
Z91
SZAF91A
69.2
3000
250
2.8
91
10
Z100
SZAF100A
76
3000
350
2.5
100
9.3
Z110
SZAF110A
83
5000
550
2
110
8
Z120
SZAF120A
90
5500
750
1.5
120
7.3
Z130
SZAF130A
98
6000
900
1
130
6
Z150
SZAF150A
113
6500
1200
1
150
6
Z160
SZAF160A
120
7000
1350
1
160
6
Z180
SZAF180A
135
8500
1650
1
180
5.3
Z200
SZAF200A
150
10000
1950
1
200
4
Z220
SZAF220A
165
12000
2300
1
220
4
Leakage Current
1
100
20
0.25
5
Type
Device
marking
code
Vz tolerance : ±5%;
Ta=25℃
Vfmax =1.2V @ IF = 200mA P=1 W
A and B Sufflx only
Leshan Radio Company, LTD.
2/4
SZAF ***A Series
Rev.G Mar. 2019



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com