Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZAF5.6A Datasheet(PDF) 3 Page - Leshan Radio Company

Part # SZAF5.6A
Description  Zener voltage regulator diodes 1 Watt Steady State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SZAF5.6A Datasheet(HTML) 3 Page - Leshan Radio Company

  SZAF5.6A Datasheet HTML 1Page - Leshan Radio Company SZAF5.6A Datasheet HTML 2Page - Leshan Radio Company SZAF5.6A Datasheet HTML 3Page - Leshan Radio Company SZAF5.6A Datasheet HTML 4Page - Leshan Radio Company SZAF5.6A Datasheet HTML 5Page - Leshan Radio Company SZAF5.6A Datasheet HTML 6Page - Leshan Radio Company SZAF5.6A Datasheet HTML 7Page - Leshan Radio Company SZAF5.6A Datasheet HTML 8Page - Leshan Radio Company SZAF5.6A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3.Characteristic Curves
Vz--Iz
Vz--Iz
0
50
ZENER VOLTAGE
Vz(V)
190
170
150
130
110
35
90
70
25
5
101520
20
10
50
40
30
20
16
12
8
4
30
Leshan Radio Company, LTD.
3/4
ZENER VOLTAGE
Vz(V)
P--Ta
AMBIENT TEMPERATURE Ta (℃)
200
100
0
250
750
500
1000
50
150
SZAF ***A Series
Rev.G Mar. 2019



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com