Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD41C Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD41C
Description  Complementary Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD41C Datasheet(HTML) 4 Page - ON Semiconductor

  MJD41C Datasheet HTML 1Page - ON Semiconductor MJD41C Datasheet HTML 2Page - ON Semiconductor MJD41C Datasheet HTML 3Page - ON Semiconductor MJD41C Datasheet HTML 4Page - ON Semiconductor MJD41C Datasheet HTML 5Page - ON Semiconductor MJD41C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJD41C (NPN) MJD42C (PNP)
http://onsemi.com
4
t, TIME (ms)
0.01
0.01
0.05
1
2
5
10
20
50
100
200
500
0.1
0.5
0.2
1000
0.03
0.3
3
30
300
0.02
2.5 A
Figure 7. Collector Saturation Region
IB, BASE CURRENT (mA)
1.2
0.4
0
10
2
0.8
TJ = 25°C
1.6
IC = 1 A
Figure 8. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Cob
0.5
50
2
5
20
50
1
0.2
0.1
0.05
RqJC(t) = r(t) RqJC
RqJC = 6.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
Figure 9. Thermal Response
0.5
D = 0.5
5 A
1000
500
300
200
100
50
30
20
300
30
70
100
200
1
3
10
30
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01
TJ = 25°C
Cib
10
70
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.01
100
1
0.3
3
0.1
0.03
WIRE BOND LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
Figure 10. Maximum Forward Bias
Safe Operating Area
TC = 25°C SINGLE PULSE
TJ = 150°C
dc
0.5
2
5
1ms
MJD41C, 42C
50
30
20
10
7
5
3
2
1
0.05
100
ms
CURVES APPLY BELOW RATED VCEO
5ms
500
ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 10 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 9. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com