Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6380PPR Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6380PPR
Description  Low-power, high-efficiency synchronous boost converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6380PPR Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6380PPR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5 of 1
3
极限参数(注 1)
参数
符 号
描述
最小值 最大值 单位
电压
VMAX
OUT
(VOUT <=3.3V)和 SW 端的最大电压值
3.6
V
OUT
(VOUT >3.3V)和 SW 端的最大电压值
5.5
电流
ISW_MAX
SW 端最大电流
1500
mA
最大功耗
PSOT23
SOT23 封装最大功耗
0.3
W
PSOT23-5
SOT23-5 封装最大功耗
0.3
W
PSOT89-3
SOT89-3 封装最大功耗
0.5
W
温度
TA
工作温度范围
-20
85
o
C
TSTG
存储温度范围
-40
120
o
C
TSD
焊接温度范围(时间少于
30 秒)
230
240
o
C
ESD
VHBM
HBM
2000
V
注
1:超过上表中规定的极限参数会导致器件永久性损坏。而工作在以上极限条件下可能会影响器件的可靠性。
推荐工作条件
符 号
描述
最小值 典型值 最大值 单位
VIN
VOUT <=3.3V, 输入电压范围
0.65
3.3
V
VOUT >3.3V, 输入电压范围
0.95
5.0
V
VOUT
输出电压范围
1.8
5.0
V
L1
电感
1
3.3
10
uH
CO
输出电容
4.7
22
100
uF
TJ
工作结温
-40
125
o
C
HM6380
低功耗、高效率同步升压变换器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com